Electronic Components Datasheet Search
  English  ▼

X  

MLX90121 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 12 of 26
Data Sheet
Rev. 007
Jan-2008
The ISO15693 protocol, mode 1 out of 256, is implemented using three symbols. Start of frame (SOF),
end of frame (EOF) and pulses encoding result of the combination of these three symbols.
ISO15693 (1 out of 256)
ISO15693 (1 out of 256)
Symbol
Code
Name
Combination
Sym0
Sym1
Sym2
11111111
11110000
00001111
SOF
EOF
Pulse 1 to 256
Sym2+2*Sym0+Sym1
Sym0+Sym2
255*Sym0+Sym1
Note
•
The position of the symbol Sym1 encodes pulses from 1 to 256. For example: Pulse1 = Sym1 +
255*Sym0 and Pulse45 = 44*Sym0 + Sym1 + 211*Sym0.
The ISO14443 -A protocol is implemented using three symbols, according to the ISO specification.
ISO14443-A
Symbol
Name
Code
Sym0
Sym1
Sym2
X
Y
Z
11110011
11111111
00111111
The ISO14443 -B protocol is implemented with only two symbols. This allows fast addressing with only
one CK pulse.
ISO14443-B
Symbol
Name
Code
Sym0
Sym1
L
H
00000000
11111111
Time Reference Setup
The time reference is defined in the EncoderTimeRef register. The time reference contains the value of
one bit time. Hence
Time
Bit
Time
Symbol
_
*
8
_
=
The bit time is defined by the EncTimeRef parameter. EncTimeRef is an integer value, it is calculated as
follows:
1
39
.
3
1
_
Re
−


=
Mhz
Time
Bit
f
EncTime
EncTimeRef is coded on 5 bits. This means that Bit_Time_max = 9.44
µs and Symbol_Time_max =
75.52
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com