Electronic Components Datasheet Search
  English  ▼

X  

MLX90121 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90121 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 5 of 26
Data Sheet
Rev. 007
Jan-2008
Serial link and digital I/O
Output current drive
Iol
Vol
≤ 0.4 Volt
4
mA
Output voltage low
Vol
Iol max=4mA
0
0.2
0.4
V
Output voltage high
Voh
Ioh max=4mA
4.6
4.8
5
V
Input voltage high
Vih
0.7 * VDD
VDD + 0.3 V
Input voltage low
Vil
-0.3
0.3 * VDD V
CK pulse
TCK
“0” level pulse or “1” level pulse
500
ns
General setup time
Ts
60
ns
General hold time
Th
60
ns
Pulse time between successive
registers writing
Tmw
5
s
Crystal Oscillator
Frequency range
Fxtal
ISO compliant applications
13.56
MHz
Start-up time
Tstart
2
5
ms
Xtal series resistance
50
100
Ω
External clock signal
specifications
see note 3
Min sine wave amplitude, AC
coupled
Input on pin XTAL2
1
VDD
VPP
Min sine wave amplitude, DC
coupled
Input on pin XTAL2
Input has to be centered around
Vdd/2
1
VDD
VPP
XBUF output specifications
XBUF Low Level (Col)
1K load resistor
0.1
V
XBUF High Level (Coh)
1K load resistor
4.8
V
Rise and fall times (10%-90%)
1K load resistor//12pF
3
ns
Notes
1.
Parameter measured using recommended output matching network.
2.
This parameter is measured using a base band signal for all specified modulation modes. The
measurement is made at the DOUT output with the input diode detector bypassed.
3.
The external clock symmetry is of paramount importance. It has a direct influence on the transmitter
output power. When using a sine wave as external clock input, it must not show visible distortion. In
case a square wave is used, its duty cycle has to be equal to 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com