Electronic Components Datasheet Search
  English  ▼

X  

MLX90121 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 20 of 26
Data Sheet
Rev. 007
Jan-2008
12. Configuration Registers
The following tables explain the meaning of the bit configurations in the 13 registers.
Register : AnalogConfig
Address : 0
Bit
Default
Name
Function
7
6
5
4
3
2
1:0
0
0
0
0
0
0
0
XBUFSel
XBUFEnB
TModIndex
RSub-carrier
Reserved
ByPassAll
Reserved
XBUF frequency selection (0 = 6.78MHz, 1 = 13.56MHz )
XBUF Enable (0= Enabled, 1 = Disabled)
Transmission Modulation Index (0 = 100%, 1= 10%)
Reception Sub-carrier (0 = 450K , 1 = 847K) – See notes
Do not use – Should always be configured at 0
Bypass analog chain (0= Connected, 1 = Bypassed) – See notes
Do not use - Should always be configured at 11
Notes
ByPassAll
Demodulation
0
FSK / PSK
1
ASK
RSub-carrier
Sub-carrier frequency
0
423 / 484 kHz
1
847 kHz
Register : PowerState
Address : 1
Bit
Default
Name
Function
7:2
1:0
0
0
Reserved
PowerState
Do not use
Chip Power State – See notes
Notes
Power State [1:0]
Mode
0
0
Idle (oscillator on)
0
1
Transmitter On
1
0
Unused
1
1
Power Down (oscillator off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com