Electronic Components Datasheet Search
  English  ▼

X  

US65 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # US65
Description  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  US65 Datasheet HTML 1Page - Melexis Microelectronic Systems US65 Datasheet HTML 2Page - Melexis Microelectronic Systems US65 Datasheet HTML 3Page - Melexis Microelectronic Systems US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 5 of 12
Preliminary Datasheet
Rev 006
Jan/07
8 Output Behaviour vs Magnetic Pole
Parameter
Test Conditions
OUT1
OUT2
FG
North pole
B < Brp
Low
High
Low
South pole
B > Bop
High
Low
High
Table 5: Driver output vs magnetic pole
Note : The magnetic pole is applied facing the branded side of the package
9 Detailed General Description
The US65/66 is a one-chip solution for driving two-coil brushless DC fans. Based on CMOS process, the chip
contains a Hall-effect sensor with dynamic offset correction, logic control and two low-ohmic open-drain
output drivers.
The output drivers OUT1 and OUT2 are fully protected against switching transients. So there is no need of
external zener diode to cut the high voltage spikes induced by the fan coils.
In case the junction temperature TJ exceeds TSD, the thermal protection stops the current flowing through the
full bridge by setting the outputs OUT1 and OUT2 low and setting the output FG (RD) high.
The IC stays in this state until the junction temperature decreases below TREL.
Reverse voltage protection is integrated on the VDD pin.
The FG/RD open drain output has an internal current limit which protects the driver in case of accidentally big
current flow through the logic driver. It could occur if a low-ohmic pull-up resistor is used or if the FG/RD
output is directly short connected to a supply voltage.
The US65 has an open-drain tachometer FG output that follows the Hall signal, thus enabling to determine
the rotation speed of the fan.
In the US66, the open-drain alarm output RD is a safety signal which allows detecting if the fan rotates or not.
It is active low during normal spinning of the motor. It goes high when the magnetic flux switching frequency
drops below nearly:
- 2Hz for 12V application (60RPM for 2 pole-pair fan)
- 1Hz for 5V application (30RPM for 2 pole-pair fan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com