Electronic Components Datasheet Search
  English  ▼

X  

US65 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US65
Description  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US65 Datasheet HTML 1Page - Melexis Microelectronic Systems US65 Datasheet HTML 2Page - Melexis Microelectronic Systems US65 Datasheet HTML 3Page - Melexis Microelectronic Systems US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 1 of 12
Preliminary Datasheet
Rev 006
Jan/07
Features and Benefits
Soft Switching for low noise applications
Slope control setting by dedicated pin
One-chip solution (Hall + Drivers)
Advanced Protection (enhanced locked rotor,
reverse voltage, thermal, output clamping)
Integrated tachometer (US65) or
alarm (US66) signal output
Application Examples
5V/12V DC brushless motors
Continuous output current up to 600mA
Low noise brushless cooling fans
PC, server, laptop cooling fan
Power supply cooling fan
Large and small fan size
Ordering Information
Part No.
Temperature Code
Package Code
US65
E (-40°C to 85°C)
DC (8-pin narrow SOIC8)
US66
E (-40°C to 85°C)
DC (8-pin narrow SOIC8)
1 Functional Diagram
2 General Description
The US65/66 is a one-chip solution for driving two-
coil brushless DC fan and motors. It is especially
suitable for relatively high-current rated operation
as it can drive up to 600mA continuous output
current.
The use of Melexis Soft Switching concept lowers
the acoustic and electrical motor noise and
provides
smoother
operation.
This
efficient
solution is combined with an innovative slope
control design controllable via a dedicated pin.
The device includes reverse voltage protection,
locked rotor protection and thermal protection.
Therefore, the IC robustness perfectly suits for
consumer and automotive-on-board applications.
Tachometer (FG) or Alarm (RD) open-drain output
is available. It makes the connectivity with external
interface such as hardware monitoring or Super
I/O IC easier.
The device is delivered in RoHS compliant DC
package (SMD) for automatic soldering


Similar Part No. - US65

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
US651EDC MELEXIS-US651EDC Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
More results

Similar Description - US65

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890 Datasheet
316Kb / 12P
Two-Coil Fan Driver - High Output Current
US62 MELEXIS-US62 Datasheet
408Kb / 11P
Two-coil fan driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
24V Low Noise Two-Coil Fan Driver
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
Two-Coil Fan Driver ??High Output Current
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
24V Low Noise Two-Coil Fan Driver
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
Double Coil High Output Current Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com