Electronic Components Datasheet Search
  English  ▼

X  

US65 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US65
Description  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US65 Datasheet HTML 3Page - Melexis Microelectronic Systems US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems US65 Datasheet HTML 10Page - Melexis Microelectronic Systems US65 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 7 of 12
Preliminary Datasheet
Rev 006
Jan/07
It is also possible to run into the 3 different modes as “hard switching”, “internal soft switching” and “external
soft switching”, giving the possibility to adapt the fan design to stringent requirements. For example, high
speed fan generally requires longer output slope compared to usual middle or low speed fan.
Increasing the output slope duration inevitably leads to high power dissipation of the IC itself. However, the
device is well protected against over power dissipation thanks to the integrated thermal shutdown.
10.2 Enhanced Locked Rotor Protection
Specially designed for driving large fans, the Locked Rotor Protection is optimised for low start-up voltage.
At low voltage, fans inevitably starts rotating slower than at higher voltage. Big fans with large inertia have
slow start-up causing a longer first output pulse after power-on. If this pulse duration is longer than the LRP
TON period, the fan may falsely enter locked rotor condition.
The US65/66 provides an adequate and simple solution to prevent this by automatically increasing the locked
rotor protection period at low voltage. The device internally compares the supply voltage applied on the VDD
and automatically double the LRP periods at 5V (0.6s, 3.65s) compared than 12V (0.29s, 1.5s).
This facilitates driving heavier fans and motors with large inertia without any external component (TON/TOFF is
increased or decreased depending on the fan supply voltage VDD).
11 Performance Graphs
11.1 RDSON vs TJ
0
1
2
3
4
-40
-20
0
20
40
60
80
100
120
Tj (°C)
VDD = 5V
VDD = 12V
11.2 RDSON vs VDD
0
1
2
3
4
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (Volts)
Tj = -40°C
Tj = 25°C
Tj = 85°C
Tj = 125°C
11.3 IDD vs TJ
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
120
Tj (°C)
VDD = 5V
VDD = 12V
11.4 IDD vs VDD
0
1
2
3
4
5
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (Volts)
Tj = -40°C
Tj = 25°C
Tj = 85°C
Tj = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com