Electronic Components Datasheet Search
  English  ▼

X  

US65 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US65
Description  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US65 Datasheet HTML 1Page - Melexis Microelectronic Systems US65 Datasheet HTML 2Page - Melexis Microelectronic Systems US65 Datasheet HTML 3Page - Melexis Microelectronic Systems US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 3 of 12
Preliminary Datasheet
Rev 006
Jan/07
3 Glossary of Terms
Two-coil fan
A fan with two-coil windings where current alternates from 1 coil to the other
depending on the direction of the magnetic field.
MilliTesla (mT), Gauss
Units of magnetic flux density :
1mT = 10 Gauss
Peak output current
The current flowing in the coil at start-up, only limited by the coil resistance
RCOIL and the output driver resistance RDSON.
Continuous output current
Average absolute value of the output current when the fan is spinning.
Locked rotor
The state when the fan stopped spinning due to mechanical blockage.
FG
Frequency generator or tachometer output
RD
Rotation detection or alarm output
4 Absolute maximum ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
-12 to 18
V
FG / RD voltage
VFG (VRD)
-7 to 18
V
Voltage on pin SLOPE
VSLOPE
-0.5 to 18
V
Peak output current
IOUTp
1200
mA
Continuous output current
IOUTc
600
mA
Operating Temperature Range
TA
-40 to 85
°C
Junction temperature
TJ
125
°C
Storage Temperature Range
TS
-55 to 150
°C
Magnetic flux density
B
Unlimited
mT
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5 Pin definitions and descriptions
Pin Name
Function
Pin number (DC)
FG (RD)
Tachometer (Alarm) open-drain output
1
VDD
Power Supply pin
2
SLOPE
Slope Control pin
3
OUT1
Open Drain Coil Driver 1
4
GND
Ground pin
5
OUT2
Open Drain Coil Driver 2
6
NC
Not connected
7
NC
Not connected
8
Table 2: Pin definitions and descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com