| Electronic Components Datasheet Search |
|
US65 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
US65 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems |
|
6 / 12 page ![]() US65 / US66 Two-Coil Low Noise Fan Driver High Output Current 3901090209 Page 6 of 12 Preliminary Datasheet Rev 006 Jan/07 10 Unique Features 10.1 Soft Switching & Slope setting The US65/66 provides an efficient solution for low noise application with internal slope control circuit, controllable via a dedicated pin. In Two-coil fan driver, the predominant source of electrical noise is when the output driver is switched off. Due to the electromotive force of the fan coil, the output voltage sharply increases but is internally clamped by the fan driver. This effect lasts until the energy in the coil is dissipated, then the output voltages decreases to a normal value, equal to the sum of the fan supply voltage plus the back EMF of the fan in rotation. The resulting swift change in the coil current increases the overall acoustic noise. (a) – General view (b) – Enlarged view on output switching Figure 1 – US65/66 output voltage without slope control (RSLOPE = 0оhm) In the above Fig.1a is observed the US65/66 output voltage with traditional driving technique, also referred as “hard switching”. In this case, the output driver is directly switched on and off which results in large voltage spikes, clamped at the output clamping voltage value (Fig.1b). (a) – General view (b) – Enlarged view on output switching Figure 2 – US65/66 output voltage with internal slope control (RSLOPE not connected, SLOPE pin left open) When the SLOPE pin is left open (not connected), the US65/66 provides internally defined output slope duration. In contrast with the “hard switching”, the “soft switching” technique controls the output voltage at the switching event and a rise/fall time is implemented to the driving signal. On Fig.2b, the output clamping voltage is even not reached, result of a smoother recirculation of the fan coil current. (a) – General view (b) – Enlarged view on output switching Figure 3 – Output voltage with long output slope duration (RSLOPE = 500k) When a simple resistor is connected between the SLOPE pin the ground, the US65/66 modifies the output slope duration in relation with the value of the resistor RSLOPE. The output slope duration can be increased so that the output voltages spikes from Fig.1 are totally removed on Fig.3. For most of the application, the internal soft switching mode from the Fig.2 represents the simplest solution and most adequate balance between low fan acoustic noise and IC power dissipation. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |