Electronic Components Datasheet Search
  English  ▼

X  

US65 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # US65
Description  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems US65 Datasheet HTML 10Page - Melexis Microelectronic Systems US65 Datasheet HTML 11Page - Melexis Microelectronic Systems US65 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 11 of 12
Preliminary Datasheet
Rev 006
Jan/07
16 DC Package Information (8-pin narrow SOIC)
1
2
3
4
5
6
7
8
1.27 BSC
0.41
+0.08
- 0.06
4.93
+0.05
- 0.13
h x 45°
0.25
+0.05
- 0.06
5°
+3
- 5
See DETAIL A
DETAIL A
Parting Line
Seating Plane
Notes:
1. Controlling dimensions in millimeters
2. The appearance of pin 1 is optional, round type on single
leadframe and rectangular type on matrix leadframe.
3. Formed leads shall be planar with respect to one another
within 0.0792 mm at seating plane.
4. Length of terminal for soldering to a substrate.
5. Package length and width are reference datums and do
not include mold flash or protrusions, but does include
mold mismatch and are measured at the mold parting
line.
Mold flash or protrusions shall not exceed 0.1524 mm at
end and 0.254 mm at window.
x. This part is compliant with JEDEC standard MS-012.
Marking:
Line 1 :
US65 (US66) - Name of the Device
Line 2 :
XXXXXX - Assembly lot number (6 digits)
Line 3 :
YYWW - Assembly date
YY = year
WW = calendar week
see note 2
Addition
see note 3
0.64
+0.25
- 0.23
see note 4
see note 5
1
2
3
4
5
6
7
8
1.57
Package line
Notes:
1. All dimensions are in millimeters
Hall plate location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com