Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 3 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 3 Page - Chipstar Micro-electronics

  CS8122S Datasheet HTML 1Page - Chipstar Micro-electronics CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VDD
VI
-0.3
+0.3
to VDD
V
TJ
-40
150
to
℃
T
T
SDR
STG
(
)
10
260
℃
1
2
V
℃
℃
-40~85
-40~125
1.
ESD
±4kV
ESD
HBM(
)
±400V
ESD
MM(
) -----------------------------------------------------------
-65
150
to
VDD
TA
CS8122S
Chipstar Micro electronics
-
,
,
,
。
Copyright@Chipstar Microelectronics
page3
www chipstar ic com
Mar,2012 Rev1.1
.- .
-----------------------------------------------------------
Tj
8122S
XXXX
(SOP8)
℃/W
---
190
JA
V
℃
2.5~5.5
(SOP8)
℃/W
---
35
Jc
6.0
CS8122S
SOP8L
100
13''
12mm
4000
8L
8L
-40~85
0~85
-40
-4
5~5.5
5~5.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com