Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 5 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 5 Page - Chipstar Micro-electronics

  CS8122S Datasheet HTML 1Page - Chipstar Micro-electronics CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chipstar Micro electronics
-
Copyright@Chipstar Microelectronics
page5
www chipstar ic com
Mar,2012 Rev1.1
.- .
CS8122S
TA=25 C,Gain = 2 V/V, RL = 8 Ω (
)
OUTPUT POWER vs SUPPLY VOLTAGE
Supply Voltage
V
()
0
0.5
1
1.5
2
2.5
3
3.5
4
2.5
3
3.5
4
4.5
5
5.5
RL=4Ω+33μH
fkHz
=1
1% THD
10% THD
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
RL=8Ω+33μH
fkHz
=1
10% THD
1% THD
OUTPUT POWER vs SUPPLY VOLTAGE
Supply Voltage
V
()
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.6
Output Power
W
()
EFFICIENCY vs OUTPUT POWER
1.2
1.4
Class AB
1.8
VDD=5V
VDD=3.6V
VDD=2.5V
RL=8Ω+33μH
0
10
20
30
40
50
60
70
80
90
Output Power
W
()
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
EFFICIENCY vs OUTPUT POWER
3.2
VDD=2.5V
RL=4Ω+33μH
VDD=5V
VDD=3.6V
Class AB
Output Power
W
()
0.01
0.1
1
0.01
0.1
1
10
THD N vs OUTPUT POWER
+
2
VDD=5V
VDD=3.6V
VDD=4.2V
RL=8Ω+33μH
Av=2
fkHz
=1
Output Power
W
()
0.01
0.1
1
0.01
0.1
1
10
THD N vs OUTPUT POWER
+
3
VDD=5V
VDD=3.6V
VDD=4.2V
RL=4Ω+33μH
Av=2
fkHz
=1
4
4
4.5
4.5
y Voltage
Voltag
O
4
4
Output
Outpu
8
1.2
1.
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com