Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 1 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 1 Page - Chipstar Micro-electronics

  CS8122S Datasheet HTML 1Page - Chipstar Micro-electronics CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
、
.0W
EMI、
D
CS8122S
Chipstar Micro electronics
-
CS8122S
PSRR
S8122S
RF
BYPASS
。
C,
CS8122S
,
,
。
CS8122S
,
。
-40℃
85℃
?
?
?
?
,
%
:
(
)
(<
)
,
/
"
-
"(
)
:
?
?
?
?
?
?
?
?
?
?
?
AERC
EMI
Class D
PSRR
3
USB
PMP/MP4/MP5
GPS
pop noise
-
2.5V 5.5V
-
90
()
0.1
217Hz
-80dB
(40ms)
mA
A
Rohs
:
+,
=
=
(
)
(
)
+,
=
=(
)
PO at 10% THD N V
V
RL
PO at 1% THD N V
RL
DD
DD
5
8 Ω
1.66
= 4 Ω
3.05
3.6
8 Ω
0.70
W
RL
W
V
W
=
(
)
RL
4 Ω
1.25W
Copyright@Chipstar Microelectronics
page1
www chipstar ic com
Mar,2012 Rev1.1
.- .
SOP8L
?
?
CS8122S
EMI
3.0W
CS8122S
PWM
PCB
,
D
、
,。
,
。
90%
,
。
CS8122S
PDA
CS8122S
AERC Adaptive Edge Rate
Control
FCC Part
Class B
dB
FM
CMMB
EMI
,
,
,
,
、
。
(
)
15
20
、
EMI
SOP_8L
()
Top View
1
2
3
4
5
6
7
8
SD
+IN
-IN
VO+
VDD
GND
VO-
NC
1
2
3
4
5
6
7
8
SD
NC
+IN
-IN
VDD
VO
+
VO
-
GND
?
??
:
:
()
()
(<
(<
,
,
))
US
US
V
V
(40ms)
(40ms
::


Similar Part No. - CS8122S

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
logo
ON Semiconductor
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8122 ONSEMI-CS8122 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8122YT5 CHERRY-CS8122YT5 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
logo
ON Semiconductor
CS8122YT5 ONSEMI-CS8122YT5 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
More results

Similar Description - CS8122S

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
List of Unclassifed Man...
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com