Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 7 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 7 Page - Chipstar Micro-electronics

Back Button CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics CS8122S Datasheet HTML 10Page - Chipstar Micro-electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chipstar Micro electronics
-
Copyright@Chipstar Microelectronics
page7
www chipstar ic com
Mar,2012 Rev1.1
.- .
CS8122S
TA=25 C,Gain = 2 V/V, RL = 8 Ω (
)
20
100
20K
1K
10K
-90
-80
-70
-60
-50
-40
-30
PSRR vs FREQUENCY
FREQUENCY Hz
()
RL=8Ω+33μH
VDD=2.5V
VDD=3.6V
VDD=5V
2.6
2.8
3
3.2
3.4
3.6
3.8
4
3
3.5
4
4.5
55.5
Supply Voltage V
()
SUPPLY CURRENT vs SUPPLY VOLTAGE
RL=4Ω+33μH
RL=8Ω+33μH
CMRR vs FREQUENCY
FREQUENCY Hz
()
20
100
20K
1K
10K
-75
-70
-65
-60
-55
-50
VIC=1VPP
RL=8Ω+33uH
VDD=3.6V
VDD=5V
VDD=2.5V
V D=3.6
V
100
100
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com