Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 8 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 8 Page - Chipstar Micro-electronics

Back Button CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics CS8122S Datasheet HTML 10Page - Chipstar Micro-electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Chipstar Micro electronics
-
Copyright@Chipstar Microelectronics
page8
www chipstar ic com
Mar,2012 Rev1.1
.- .
CS8122S
I
。
,
,
。
。
。
D
MOSFET
I R
CS8303
D
90%
CS8122S
EMI
W
D
V
,
。
,
,3.0
,
5
4Ω
3.0
,
90%
。
W
CS8122S
AERC Adaptive Edge Rate
Control
EMI
cm
FCC
dB
,
,
,
(
)。
((
)
60
20
CS8122S
PCB
CS8122S
,
,。
,
,
,
,
,
。
PWM
2
CS8122S
PWM
LC
,
,,
,
。
D
Pop
Click
&
CS8122S
,
Pop
Click
Wake up
Shutdown
&
,
,
,
。
EMI
CS8122S
CS8122S
CS8122S
,
,
,
。
,
。
,
。
,
。
,
,
,
。
(Cs
)
CS8122S
V
S8122S
D
,
。
。
。
。
。
,
。
D
10
DD
C
uF
,
,
ESR
1uF
( Rin
)
,
:
Rin
kΩ
150
2
Gain
×
=
V
V
(
)
,
。
,
,
。
PSRR,CMRR
PCB
CS8122S
THD
1%
()
Cin
,
:
in
in
C )
(2 R
π
fc =
,
。
,
。
fc
217HZ
Pop
Click
&
10%
,
.
OUTP
OUTN
1nF
1nF
CS8122S
cm
FCC
EMI
CS8122S
,
,
。
,
,。
。
60
1
FCC Part 15 Class B
Rin
Rin
kΩ
kΩ
150
50
,
,
CMRR
MRR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com