Electronic Components Datasheet Search
  English  ▼

X  

CS8122S Datasheet(PDF) 4 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 4 Page - Chipstar Micro-electronics

  CS8122S Datasheet HTML 1Page - Chipstar Micro-electronics CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA = 25
(
)
C
VOO
=2 /
VIN=0V, Av
V V
5
PSRR
CMRR
,
VDD=2.5Vto
IIH
DD=5.5 ,
VVI= V DD
50
μA
IIL
DD=,
5.5V VI
μA
V3.6
DD
=
,
,
V
3.6
mA
ISD
μA
rDS ON
()
mΩ
V
()
SHUTDOW N =0.35V
f()
SW
h
Kz
CS8122S
Chipstar Micro electronics
-
V
Copyright@Chipstar Microelectronics
page4
www chipstar ic com
Mar,2012 Rev1.1
.- .
0.1
25
mV
-80
dB
-70
dB
V
=0V
5
260
330
VV
DD
=5.5
V3.6V
DD
=
V
2.5V to
V
DD
=5.5
Gain
DD
I
Rin
150kΩ
2×
/
VV
SHUTDOWN
RSD
KΩ
230
2.5
V5.5
DD
=
,
,
V
V
=2.5V to 5.0V,217Hz
DD
V
=2.5V to 5.5V
DD
2
KΩ
750
5.5V
TA=25 C,Gain = 2 V/V, RL = 8 Ω (
)
PO
W
3.05
2.60
VV THD
f
KHz RL
DD
=5.0 ,
=10%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=5.0 ,
=1%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=5.0 ,
=10%, =1
,
=8Ω
1.70
VV THD
f
KHz RL
DD
=5.0 ,
=1%, =1
,
=8Ω
VV THD
f
KHz RL
DD
=3.6 ,
=10%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=3.6 ,
=1%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=3.6 ,
=10%, =1
,
=8Ω
VV THD
f
KHz RL
DD
=3.6 ,
=1%, =1
,
=8Ω
VV THD
f
KHz RL
DD
=3.2 ,
=10%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=3.2 ,
=1%, =1
,
=4Ω
VV THD
f
KHz RL
DD
=3.2 ,
=10%, =1
,
=8Ω
VV THD
f
KHz RL
DD
=3.2 ,
=1%, =1
,
=8Ω
1.38
1.72
1.23
0.83
0.65
1.28
0.93
0.63
0.47
THD+N
+
V
V Po=0.6W f
KHz RL
DD
=5.0 ,
, =1
,
=8Ω
V
V Po=0.4W f
KHz RL
DD
=4.2 ,
, =1
,
=8Ω
V
V Po=0.4W f
KHz RL
DD
=3.6 ,
, =1
,
=8Ω
0.11
0.16
0.15
%
η
tST
V
V Po=0.6W f
KHz RL
DD
=5.0 ,
, =1
,
=8Ω
90
%
40
ms
VV
V
5.
5. V
V
V
V
V
V
0.
0
V
2.5
2.
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com