Electronic Components Datasheet Search
  English  ▼

X  

JMS583 Datasheet(PDF) 8 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 8 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 4Page - JMicron Technology Corporation JMS583 Datasheet HTML 5Page - JMicron Technology Corporation JMS583 Datasheet HTML 6Page - JMicron Technology Corporation JMS583 Datasheet HTML 7Page - JMicron Technology Corporation JMS583 Datasheet HTML 8Page - JMicron Technology Corporation JMS583 Datasheet HTML 9Page - JMicron Technology Corporation JMS583 Datasheet HTML 10Page - JMicron Technology Corporation JMS583 Datasheet HTML 11Page - JMicron Technology Corporation JMS583 Datasheet HTML 12Page - JMicron Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
JMS583
Datasheet
Revision 1.0
1
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
1 Introduction
The JMS583 is a bridge controller between the USB host and the storage devices with PCIe/NVMe interface. Its
upstream port provides a USB which data speed can reach up to ten gigabits per second (10 Gb/s), or the data
transmission rate for USB 3.1 Gen 2 specification. Meanwhile, its downstream port can connect to PCIe/NVMe storage
devices, such as a solid-state drive (SSD). The data speed for the PCIe port can arrive at 16 Gb/s, or the data rate for
the PCIe Gen 3x2 requirements.
Also, the JMS583 has USB Type-C
TM connectivity built in to the controller that any device using the JMS583 can have
a USB Type-C
TM connector without adding any additional peripheral part. It can save costs to buy parts, and efforts to
build inventory, and it can reduce printed circuit board area for the system designs.
The JMS583 supports TRIM to the SSD and can transmit and receive data by both of USB Mass Storage Class
Bulk-Only Transport (BOT) and USB Attached SCSI Protocol (UASP) to and from the host respectively. The data
storage devices can achieve its summit of performance by taking advantage of these built-in unmatched features.
The JMS583 is well equipped for power management that it can meet a wide variety of power requirements from
different scales of data storage systems: those for data centers, network attached storage (NAS) systems, and
portable SSDs, and even those for thumb-sized Internet-of-Thing (IoT) devices.
Owing to its USB Type-C
TM connectivity, the JMS583 can work with some power management controllers to a USB
Power Delivery (PD) enabled data storage device. The data storage devices having SSDs of large capacity can accept
the electrical power from sources of energy, such as hosts acting as a power provider of USB PD to supply sufficient
electricity to the device after they negotiate with each other, without plugging in.
Finally, the JMS583 is a new product that almost reaches USB3.1 G2 line bandwidth. Using the JMS583, the security
system can transfer higher quality video, such as 4K or even 8K, and quicker to their data storage devices than ever.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com