Electronic Components Datasheet Search
  English  ▼

X  

JMS583 Datasheet(PDF) 9 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 9 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 5Page - JMicron Technology Corporation JMS583 Datasheet HTML 6Page - JMicron Technology Corporation JMS583 Datasheet HTML 7Page - JMicron Technology Corporation JMS583 Datasheet HTML 8Page - JMicron Technology Corporation JMS583 Datasheet HTML 9Page - JMicron Technology Corporation JMS583 Datasheet HTML 10Page - JMicron Technology Corporation JMS583 Datasheet HTML 11Page - JMicron Technology Corporation JMS583 Datasheet HTML 12Page - JMicron Technology Corporation JMS583 Datasheet HTML 13Page - JMicron Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
JMS583
Datasheet
Revision 1.0
2
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
2 Features
 Integrates with USB Type-C
TM multiplexer & configuration channel (CC) logic
 Supports TRIM to the SSD
 Complies with PCI Express Base Specification Revision 3.1a
 Complies with NVM Express 1.3
 Complies with USB 3.1 Gen 1 and Gen 2 Specification, USB Mass Storage Class, Bulk-Only Transport
Specification (Revision 1.0)
 Complies with USB Attached SCSI Protocol (UASP) Specification (Revision 4)
 Supports USB Super-Speed/High-Speed/Full-Speed Operation
 Supports USB2.0/USB 3.1 Gen 1/2 power saving mode
 Supports external SPI NVRAM for Vendor VID/PID of USB2.0/USB 3.1 Gen 1/2 device controller
 Thirteen GPIOs for customization
 Provides hardware controlled PWMs
 Provides software utilities for downloading the upgraded firmware code under USB2.0/USB 3.1 Gen1,2
 Design for Windows 7, Windows 10 and MAC 10.10.5 or later version
 Support SCSI / NVMe Pass-through command to allow an application client to transmit a NVMe command to a
NVMe device.
 Supports 25MHz external crystal
 Supports 3.3V I/O
 Embedded 5V to 1.0V voltage regulator
 Embedded 5V to 3.3V linear voltage regulator (LDO)
 QFN64 8x8 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com