Electronic Components Datasheet Search
  English  ▼

X  

JMS583 Datasheet(PDF) 22 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 22 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 18Page - JMicron Technology Corporation JMS583 Datasheet HTML 19Page - JMicron Technology Corporation JMS583 Datasheet HTML 20Page - JMicron Technology Corporation JMS583 Datasheet HTML 21Page - JMicron Technology Corporation JMS583 Datasheet HTML 22Page - JMicron Technology Corporation JMS583 Datasheet HTML 23Page - JMicron Technology Corporation JMS583 Datasheet HTML 24Page - JMicron Technology Corporation JMS583 Datasheet HTML 25Page - JMicron Technology Corporation JMS583 Datasheet HTML 26Page - JMicron Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
JMS583
Datasheet
Revision 1.0
15
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
7.4 Power dissipation
7.4.1
USB 2.0 to PCIe
7.4.1.1
Operation with PCIe L0 state
Table 15
Power dissipation
– USB 2.0 to PCIe L0
Parameter
Symbol
Condition
Min
Typical
Max
Unit
Digital 3.3V
VCCO
Operate @ 3.3V
1.8
mA
Digital 1.0V
VCCK
Operate @ 1.0V
157.6
mA
Analog 3.3V
XAVDDH
Operate @ 3.3V
1.3
mA
Analog 1.0V
AVDDL
Operate @ 1.0V
292.8
mA
7.4.1.2
Idle with PCIe L0 state
Table 16
Power dissipation
– USB 2.0 to PCIe L0
Parameter
Symbol
Condition
Min
Typical
Max
Unit
Digital 3.3V
VCCO
Operate @ 3.3V
1.6
mA
Digital 1.0V
VCCK
Operate @ 1.0V
152.1
mA
Analog 3.3V
XAVDDH
Operate @ 3.3V
1.2
mA
Analog 1.0V
AVDDL
Operate @ 1.0V
273.8
mA
7.4.1.3
Suspend with PCIe L2 state
Table 17
Power dissipation
– USB 2.0 to PCIe L2
Parameter
Symbol
Condition
Min
Typical
Max
Unit
Digital 3.3V
VCCO
Operate @ 3.3V
0.3
mA
Digital 1.0V
VCCK
Operate @ 1.0V
2.0
mA
Analog 3.3V
XAVDDH
Operate @ 3.3V
0.0
mA
Analog 1.0V
AVDDL
Operate @ 1.0V
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com