Electronic Components Datasheet Search
  English  ▼

X  

JMS583 Datasheet(PDF) 28 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 28 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 22Page - JMicron Technology Corporation JMS583 Datasheet HTML 23Page - JMicron Technology Corporation JMS583 Datasheet HTML 24Page - JMicron Technology Corporation JMS583 Datasheet HTML 25Page - JMicron Technology Corporation JMS583 Datasheet HTML 26Page - JMicron Technology Corporation JMS583 Datasheet HTML 27Page - JMicron Technology Corporation JMS583 Datasheet HTML 28Page - JMicron Technology Corporation JMS583 Datasheet HTML 29Page - JMicron Technology Corporation JMS583 Datasheet HTML 30Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
JMS583
Datasheet
Revision 1.0
21
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
8
Product naming rule and identification
8.1
Format of the part number
The part number consists of the information of provider, product category, device number, package type, material type,
product grade (operating temperature), mask ROM version and device version. The format of the part number is
illustrated in Figure 5 below.
J
M
S
5
8
3
-
P
M
B
R
N
V
a
b
c
d
e
f
g
h
Section I
Section II
Figure 5
Format of the part number
8.2 Explanation of the part number
Table 28 explains each section of the part number illustrated in Figure 5 above.
Table 28
Explanation of the part number
Section
Length
Purpose
Code(s)
Meaning
a (JM)
2 digits
Brand name
JM
The provider JMicron
b (S)
1 digit
Product category
S
SoC, system-on-a-chip
c (583)
3 digits
Device number
583
The serial number assigned randomly to
form the device name
“JMS583” in
conjunction with brand name and product
category.
d (P)
1 digit
Package type
B, L, Q, T
B = BGA; L = LQFP; Q = QFN; T = TQFP
e (M)
1 digit
Material & grade
G, H, I, J
G = Gold wired RoHS compliant
halogen-free green product;
Ta: 0 ~ 70°C.
H = Copper wired RoHS compliant
halogen-free green product;
Ta: 0 ~ 70°C.
I = Gold wired RoHS compliant
halogen-free green product;
Ta: -40 ~ 85°C.
J = Copper wired RoHS compliant
halogen-free green product;
Ta: -40 ~ 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com