Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 24Page - National Semiconductor (TI) LM4930 Datasheet HTML 25Page - National Semiconductor (TI) LM4930 Datasheet HTML 26Page - National Semiconductor (TI) LM4930 Datasheet HTML 27Page - National Semiconductor (TI) LM4930 Datasheet HTML 28Page - National Semiconductor (TI) LM4930 Datasheet HTML 29Page - National Semiconductor (TI) LM4930 Datasheet HTML 30Page - National Semiconductor (TI) LM4930 Datasheet HTML 31Page - National Semiconductor (TI) LM4930 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application Information (Continued)
BILL OF MATERIALS FOR LM4930
LM4930 Demo Board Bill Of Materials
Comment
Footprint
Designators
1k
0805
R6, R7
2k
0805
R2, R3
20k
0805
R1
100k
0805
R5
1M
0805
R4
22pF
1210
C6, C7
0.01µF cer
1210
C16, C17
0.1µF cer
1210
C14, C15
1µF
1210
C1, C2, C3, C4, C5, C10, C11,
C12, C13
220µF
7243
C8, C9
CRYSTAL
7243
Y1
PHONE JACK STEREO SW STEREO HEADPHONE JACK (3.5MM) J8
20072010
FIGURE 12. Pin Markings for LM4930ITL demo board
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com