Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 6Page - National Semiconductor (TI) LM4930 Datasheet HTML 7Page - National Semiconductor (TI) LM4930 Datasheet HTML 8Page - National Semiconductor (TI) LM4930 Datasheet HTML 9Page - National Semiconductor (TI) LM4930 Datasheet HTML 10Page - National Semiconductor (TI) LM4930 Datasheet HTML 11Page - National Semiconductor (TI) LM4930 Datasheet HTML 12Page - National Semiconductor (TI) LM4930 Datasheet HTML 13Page - National Semiconductor (TI) LM4930 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage
6.0V
Digital Storage Supply Voltage
6.0V
Storage temperature
-65˚C to +150˚C
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility
Human Body Model (Note 4)
2000V
Machine Model (Note 5)
200V
Junction temperature
150˚C
Thermal Resistance
θ
JA - TLA36KRA
105˚C/W
θ
JA - LQA44A (Note 17)
27˚C/W
Operating Ratings (Note 3)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−30˚C
≤ T
A
≤ +85˚C
Supply Voltage
DV
DD (Note 8)
2.6V - 4.5V
AV
DD (Note 8)
2.6V - 5.5V
Electrical Characteristics DV
DD = 3.3V, AVDD = 5V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2, 8)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7,
15)
DI
DD
Digital Power Supply Current
f
MCLK = 12.288MHz
Output Mode = "0010"
Output Mode = "0011"
Output Mode = "0100"
2
Output Mode = "0101"
Output Mode = "0110"
Output Mode = "0111"
4.4
Output Mode = "1000"
Output Mode = "1001"
Output Mode = "1010"
4.9
8
mA (max)
AI
DD
Analog Power Supply Quiescent
Current
f
MCLK = 12.288MHz; No Load
Output Mode = "0010"
7.0
Output Mode = "0011"
6.3
Output Mode = "0100"
8.0
Output Mode = "0101"
8.2
Output Mode = "0110"
7.4
Output Mode = "0111"
8.7
Output Mode = "1000"
Output Mode = "1001"
Output Mode = "1010"
9.5
14
mA (max)
DI
SD
Digital Powerdown Current
f
MCLK = 12.288MHz
Output Mode = "0000" Powerdown Mode
1
7
µA (max)
AI
SD
Analog Powerdown Current
f
MCLK = 12.288MHz
Output Mode = "0000" Powerdown Mode
1
2
µA (max)
DI
ST
Digital Standby Current
f
MCLK = 12.288MHz
Output Mode = "0001" Standby Mode
1.4
2
mA (max)
AI
ST
Analog Standby Current
f
MCLK = 12.288MHz
Output Mode = "0001" Standby Mode
230
1000
µA (max)
V
FS_LS
Full-Scale Output Voltage
(Mono speaker amplifier)
CLASS = 0; 0dB gain setting; 8
Ω BTL
load (Note 10)
2.5
V
P-P
V
FS_HP
Full-Scale Output Voltage
(Headphone amplifier)
0dB gain setting; 32
Ω Stereo Load (Note
10)
2.5
V
P-P
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com