Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 3Page - National Semiconductor (TI) LM4930 Datasheet HTML 4Page - National Semiconductor (TI) LM4930 Datasheet HTML 5Page - National Semiconductor (TI) LM4930 Datasheet HTML 6Page - National Semiconductor (TI) LM4930 Datasheet HTML 7Page - National Semiconductor (TI) LM4930 Datasheet HTML 8Page - National Semiconductor (TI) LM4930 Datasheet HTML 9Page - National Semiconductor (TI) LM4930 Datasheet HTML 10Page - National Semiconductor (TI) LM4930 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
System Control Registers (Continued)
GAIN CONFIG REGISTERS
This register is used to control the gain of the headphone amplifier, the loudspeaker amplifier, and the microphone preampli-
fier. The 7 bit address for the GAINCONFIG register is XX10010.
(X=0if ADDR is set to logic 0)
(X=1if ADDR is set
to logic 1)
GAINCONFIG (XX10010).
(Set = logic 1, Clear = logic 0)
BIT
15
14
13
12
11
10
987654321
0
RESET
0
0
0000000000000
0
Address
Register
Description
4:0
LOUDSPKR_GAIN
Programs the gain of the loudspeaker amplifier. Gain is set as follows:
4:0
Loudspeaker
Gain
4:0
Loudspeaker Gain
00000
-34.5dB
10000
-10.5dB
00001
-33dB
10001
-9dB
00010
-31.5dB
10010
-7.5dB
00011
-30dB
10011
-6dB
00100
-28.5dB
10100
-4.5dB
00101
-27dB
10101
-3dB
00110
-25.5dB
10110
-1.5dB
00111
-24dB
10111
0dB
01000
-22.5dB
11000
1.5dB
01001
-21dB
11001
3dB
01010
-19.5dB
11010
4.5dB
01011
-18dB
11011
6dB
01100
-16.5dB
11100
7.5dB
01101
-15dB
11101
9dB
01110
-13.5dB
11110
10.5dB
01111
-12dB
11111
12dB
9:5
HP_GAIN
Programs the gain of the headphone amplifier. Gain is set as follows:
9:5
Headphone Gain
9:5
Headphone Gain
00000
-46dB
10000
-22.5dB
00001
-45dB
10001
-21dB
00010
-43.5dB
10010
-19.5dB
00011
-42db
10011
-18dB
00100
-40.5dB
10100
-16.5dB
00101
-39dB
10101
-15dB
00110
-37.5dB
10110
-13.5dB
00111
-36dB
10111
-12dB
01000
-34.5dB
11000
-10.5dB
01001
-33dB
11001
-9dB
01010
-31.5dB
11010
-7.5dB
01011
-30dB
11011
-6dB
01100
-28.5dB
11100
-4.5dB
01101
-27dB
11101
-3dB
01110
-25.5dB
11110
-1.5dB
01111
-24dB
11111
0dB
13:10
MIC_GAIN
Programs the gain of the microphone amplifier. Gain is set as follows:
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com