Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 12Page - National Semiconductor (TI) LM4930 Datasheet HTML 13Page - National Semiconductor (TI) LM4930 Datasheet HTML 14Page - National Semiconductor (TI) LM4930 Datasheet HTML 15Page - National Semiconductor (TI) LM4930 Datasheet HTML 16Page - National Semiconductor (TI) LM4930 Datasheet HTML 17Page - National Semiconductor (TI) LM4930 Datasheet HTML 18Page - National Semiconductor (TI) LM4930 Datasheet HTML 19Page - National Semiconductor (TI) LM4930 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2, 3) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7,
15)
t
SDAS
SDA_DATA Setup Time
500
ns
f
CLKPCM
PCM_CLK Frequency
PCM_SYNC_MODE = 00
PCM_SYNC_MODE = 01
PCM_SYNC_MODE = 10
128
256
512
kHz
kHz
kHz
PCM_CLK Duty Cycle
50
40
60
% (min)
% (max)
f
CLKI2S
I2S_CLK Frequency
I2S_RES = 0
I2S_RES = 1
1.536
3.072
MHz
MHz
I2S_CLK Duty Cycle
50
40
60
% (min)
% (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: All voltages are measured with respect to the relevant GND pin unless otherwise specified.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX ,θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX –TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4930, see power
derating currents for more information.
Note 4: Human body model: 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine model: 220pF - 240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0 and 3.0V ≤ DVDD ≤ 3.6V. AVDD must be equal to or greater than DVDD. for proper operation.
Note 9: The sampling clock frequency is equal to the master clock frequency divided by 256. (fconv =fMCLK/256)
Note 10: This value represents the 0dB output level of the given amplifier for the given analog supply voltage. Gain values given in the GAINCONFIG register are
relative to these full-scale values for each output amplifier.
Note 11: To ensure a successful transistion into Powerdown Mode, ZXD_DISABLE must be set whenever there is no audio input signal present.
Note 12: It is recommended to alter this bit only while the part is in Powerdown Mode.
Note 13: Reserved bits should be set to zero when programming the associated register.
Note 14: With the exception of Standby Mode, rapid switching between modes should be avoided. Rapid switching between modes will not ensure that the desired
mode will be activated.
Note 15: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 16: 0dBm0 = -3dBFS for the PCM voice codec and 0dBm0 = -1dBFS for the I2S DAC, unless otherwise specified.
Note 17: The given
θA is for an LM4930 packaged in an LQA44A with the Exposed-DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper with
16 thermal vias as described in National AN-1187.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com