Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4930 Datasheet HTML 1Page - National Semiconductor (TI) LM4930 Datasheet HTML 2Page - National Semiconductor (TI) LM4930 Datasheet HTML 3Page - National Semiconductor (TI) LM4930 Datasheet HTML 4Page - National Semiconductor (TI) LM4930 Datasheet HTML 5Page - National Semiconductor (TI) LM4930 Datasheet HTML 6Page - National Semiconductor (TI) LM4930 Datasheet HTML 7Page - National Semiconductor (TI) LM4930 Datasheet HTML 8Page - National Semiconductor (TI) LM4930 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Pin Descriptions
A1
MIC_P
Microphone positive differential input
A2
MIC_N
Microphone negative differential input
A3
AVDD_MIC
Analog V
dd for microphone preamp
A4
DAC_REF
D/A converter reference voltage
A5
SDA
Two-wire control interface serial data pin
A6
SCL
Two-wire control interface serial clock pin
B1
AGND_MIC
Analog ground for microphone preamp
B2
MIC_BIAS
Microphone bias supply output (2V)
B3
MIC_REF
Internal fixed-reference bypass capacitor decoupling pin
B4
ADDR
Control bus address select pin
B5
PCM_SDI
PCM serial data in
B6
PCM_CLK
PCM Serial clock pin
C1
AVDD_HP
Analog V
dd for headphone amplifier
C2
NC
No Connect
C3
BYPASS
Half-supply bypass capacitor decoupling pin
C4
PCM_SYNC
PCM Frame sync pin
C5
I2S_DATA
I
2S serial data input
C6
DGND_D
Digital ground
D1
HP_L
Headphone amplifier connection (Left)
D2
HP_R
Headphone amplifier connection (Right)
D3
HPSENSE_IN
Connection for sense pin of headphone jack
D4
PCM_SDO
PCM serial data out
D5
I2S_CLK
I
2S serial bit clock
D6
DVDD_D
Digital V
dd
E1
AGND_HP
Analog ground for headphone amplifier
E2
LS-
Loudspeaker amplifier BTL negative out (-)
E3
HPSENSE_OUT
Logic output pin to indicate headphone connection status. Outputs logic high when
HPSENSE_IN is high and outputs logic low when HPSENSE_IN is low. See Figure 5
for suggested application circuit
E4
IRQ
LM4930 mode status indicator pin
E5
I2S_WS
I
2S word select
E6
XTAL_OUT
Negative feedback source for external crystal MCLK
F1
AGND_LS
Analog ground for loudspeaker amplifier
F2
LS+
Loudspeaker amplifier BTL positive out (+)
F3
AVDD_LS
Analog V
DD for loudspeaker amplifier
F4
DGND_X
Digital ground
F5
DVDD_X
Digital V
DD
F6
MCLK/XTAL_IN
12.288MHz or 24.576MHz Master Clock from crystal (via XTAL OUT) or external source
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com