Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 27Page - National Semiconductor (TI) LM4930 Datasheet HTML 28Page - National Semiconductor (TI) LM4930 Datasheet HTML 29Page - National Semiconductor (TI) LM4930 Datasheet HTML 30Page - National Semiconductor (TI) LM4930 Datasheet HTML 31Page - National Semiconductor (TI) LM4930 Datasheet HTML 32Page - National Semiconductor (TI) LM4930 Datasheet HTML 33Page - National Semiconductor (TI) LM4930 Datasheet HTML 34Page - National Semiconductor (TI) LM4930 Datasheet HTML 35Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Application Information (Continued)
A single-ended stereo headphone output is also featured,
providing up to 30mW of power per channel into 32
Ω with a
5V analog supply.
A Headphone Sense output is provided on J6 for connection
to an external controller. This pin goes high when a hea-
phone is present (when used as shown in Figure 5) and will
function in all modes independent of other operations the
LM4930 may be currently processing.
The MIC Jack input (J3) provides for a low level analog input.
Pin 3 provides the power to the MIC and the positive input of
the LM4930. Gain for the MIC preamp is set in the GAIN-
CONFIG register.
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com