Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4931 Datasheet HTML 1Page - National Semiconductor (TI) LM4931 Datasheet HTML 2Page - National Semiconductor (TI) LM4931 Datasheet HTML 3Page - National Semiconductor (TI) LM4931 Datasheet HTML 4Page - National Semiconductor (TI) LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage
6.0V
Digital Supply Voltage
6.0V
Storage Temperature
-65˚C to +150˚C
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility
Human Body Model (Note 4)
2500V
Machine Model (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA - TLA42YVA
105˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
DV
DD (Note 8)
2.7V - 4.0V
AV
DD (Note 8)
2.7V - 5.0V
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
Power
DI
SD
Digital Shutdown Current
Mode 0
f
MLCK = 12MHz (Note 9)
400
500
µA (max)
No MCLK
1
2
µA (max)
DI
ST
Digital Standby Current
Mode 1, f
MCLK = 12MHz
400
1200
µA (max)
f
MLCK = 12MHz
DI
DD
Digital Power Supply Current
Mode 2, 3, 4
1.3
3.2
mA (max)
Mode 5, 6, 7
2.8
7
mA (max)
Mode 8, 9, 10
3.2
7.5
mA (max)
PLLI
DD
PLL Quiescent Current
f
MCLK = 12MHz
2.8
3.5
mA (max)
AI
SD
Analog Shutdown Current
Mode 0, No load
0.1
2.5
µA (max)
AI
ST
Analog Standby Current
Mode 1, No load
100
200
µA (max)
AI
DD
Analog Power Supply Quiescent
Current
No Load
Mode 2
7.8
19
mA (max)
Mode 3
5.3
10
mA (max)
Mode 4
8.6
15
mA (max)
Mode 5
8.4
15
mA (max)
Mode 6
6.0
15
mA (max)
Mode 7
9.2
15
mA (max)
Mode 8, 9, 10
10.1
16
mA (max)
Loudspeaker Amplifier
V
FS
Full-Scale Output Voltage
Loudspeaker Amplifier)
8
Ω load, 0dB gain setting
2.6
V
P-P
THD+N
Total Harmonic Distortion + Noise
f
OUT = 1kHz, POUT = 200mW
0.4
%
P
OLS
Loudspeaker Amplifier Output
Power
THD = 1% (max), f
OUT = 1kHz
470
350
mW (min)
PSRR
Power Supply Rejection Ratio
(Loudspeaker Amplifier)
C
B = 1.0µF
V
RIPPLE = 200mVP-P
f
RIPPLE = 217Hz
54
dB
Signal = V
O at 0dBFS, f = 1kHz,
Noise = digital zero, A-weighted,
0dB gain setting (Note 10)
SNR (Voice)
Signal-to-Noise Ratio of Voice
Channel (Loudspeaker Amplifier)
f
MCLK = 12.288MHz, PLL disabled
71
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com