Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 3Page - National Semiconductor (TI) LM4931 Datasheet HTML 4Page - National Semiconductor (TI) LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) LM4931 Datasheet HTML 10Page - National Semiconductor (TI) LM4931 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
VCR
Volume Control Range
(Headphone Amplifier)
Minimum Gain
–46.5
dB
Maximum Gain
0
dB
SS
Volume Control Stepsize
(Headphone Amplifier)
1.5
dB
Microphone Amplifier
V
BIAS
Mic Bias Voltage
2
V
GCR
Gain Control Range (Microphone
Amplifier)
Minimum Gain
6
dB
Maximum Gain
36
dB
SS
Gain Control Stepsize
(Microphone Amplifier)
2dB
Voice Codec (Typical numbers are with 1.024MHz voice clock and 8kHz sampling frequency)
R
VDAC
Voice DAC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.15
dB
R
VADC
Voice ADC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.25
dB
PB
VDAC
Voice DAC Passband
–3dB Point
3.46
kHz
SBA
VDAC
Voice DAC Stopband Attenuation
Above 4kHz
72
dB
UPB
VDAC
Upper Passband Cutoff Frequency Upper – 3dB Point
3.47
kHz
LPB
VDAC
Lower Passband Cutoff Frequency Lower – 3dB Point
0.230
kHz
SBA
VADC
Voice ADC Stopband Attenuation
Above 4kHz
65
dB
SBA
NOTCH
Voice ADC Notch Attenuation
Centered on 55Hz, figure gives worst
case attenuation for 50Hz & 60Hz
58
dB
SNR (Voice)
Signal-to-Noice Ratio of Voice
Channel (Voice ADC path)
Signal = V
O at 0dBFS, f = 1kHz and 1%
THD+N,
MIC_P, MIC_N Terminated to ground,
A-weighted, 36dB MIC Preamp gain
setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
81
dB
f
MCLK = 12MHz, PLL active
80
dB
STR
Side Tone Range
Minimum Gain
–30
dB
Maximum Gain
0
dB
SS
Side Tone Step Size
3
dB
Audio DAC (Typical numbers are with 6.144MHz audio clock and 48kHz sampling frequency)
R
DAC
Audio DAC Ripple
20Hz–20kHz through headphone output
+/-0.1
dB
PB
DAC
Audio DAC Passband width
–3dB point
22.7
kHz
SBA
DAC
Audio DAC Stop band Attenuation
Above 24kHz
76
dB
DR
DAC
Audio DAC Dynamic Range
DC – 20kHz
97
dB
SNR
DAC
Audio DAC SNR Digital Filter
Section
DC – 20kHz
97
dB
PLL
f
IN
Input Frequency on MCLK pin
12
10
25
MHz (min)
MHz (max)
SPI/I
2C
f
SPI
Maximum SPI Frequency
400
4000
kHz (max)
t
SPISETD
SPI Data Setup Time
100
ns (min)
t
SPISETENB
SPI ENB Setup Time
100
ns (min)
t
SPIHOLDD
SPI Data Hold Time
100
ns (min)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com