Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) LM4931 Datasheet HTML 10Page - National Semiconductor (TI) LM4931 Datasheet HTML 11Page - National Semiconductor (TI) LM4931 Datasheet HTML 12Page - National Semiconductor (TI) LM4931 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Electrical Characteristics DV
DD = 3.3V, AVDD = 5V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
V
FS
Full-Scale Output Voltage (Mono
speaker amplifie)r
8
Ω load, 0dB gain setting
2.6
V
P-P
THD+N
Total Harmonic Distortion + Noise
f
OUT = 1kHz, POUT = 400mW
0.16
%
P
OLS
Loudspeaker Amplifier Output
Power
THD = 1%, f
OUT = 1kHz
1.1
W
PSRR
Power Supply Rejection Ratio
(Loudspeaker Amplifier)
C
B = 1.0µF
V
RIPPLE = 200mVPP
f
RIPPLE = 217Hz
56
dB
SNR (Voice)
Signal-to-Noise Ratio of Voice
Channel (Loudspeaker Amplifier)
Signal = V
O at 0dBFS, f = 1kHz
Noise = digital zero, A-weighted
0dB gain setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
70
dB
f
MCLK = 12MHz, PLL active
69
dB
SNR (Music)
Signal-to-Noise Ratio of Music
Channel (Loudspeaker Amplifier)
Signal = V
O at 0dBFS, f = 1kHz
Noise = digital zero, A-weighted
0dB gain setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
74
dB
f
MCLK = 12MHz, PLL active
73
dB
A-Weighted filter, V
IN= digital zero (Note
10)
e
N (Music)
Output Noise
f
MCLK = 12.288MHz, PLL disabled
250
µV
f
MCLK = 12MHz, PLL active
320
µV
V
OS
Offset Voltage
10
mV
VCR
Volume Control Range
(Loudspeaker Amplifier)
Minimum Gain
–34.5
dB
Maximum Gain
12
dB
SS
Volume Control Step Size
1.5
dB
Headphone Amplifier
V
FS
Full-Scale Output Voltage
(Headphone Amplifier)
32
Ω stereo load, 0dB gain setting
2.6
V
P-P
THD+N
Total Harmonic Distortion + Noise
(Headphone Amplifier)
f
IN = 1kHz, POUT = 7.5mW
32
Ω stereo load
0.05
%
P
OHP
Output Power (Headphone
Amplifier)
THD = 0.5%, f
OUT = 1kHz
26
20
mW (min)
PSRR
Power Supply Rejection Ratio
(Headphone Amplifier)
C
B = 1.0µF
V
RIPPLE = 200mVPP
f
RIPPLE = 217Hz
70
dB
SNR (Voice)
Signal-to-Noise Ratio of Voice
Channel (Headphone Amplifier)
Signal = V
O at f = 1kHz and 1% THD+N,
Noise = digital zero, A-weighted
0dB gain setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
75
dB
f
MCLK = 12MHz, PLL active
73
dB
SNR (Music)
Signal-to-Noise Ratio of Music
Channel (Headphone Amplifier)
Signal = V
O at f = 1kHz and 1% THD+N,
Noise = digital zero, A-weighted
0dB gain setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
86
dB
f
MCLK = 12MHz, PLL active
82
dB
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com