Electronic Components Datasheet Search
  English  ▼

X  

LM4934 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 15Page - National Semiconductor (TI) LM4934 Datasheet HTML 16Page - National Semiconductor (TI) LM4934 Datasheet HTML 17Page - National Semiconductor (TI) LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
PLL Configuration Registers (Continued)
PLL N DIVIDER CONFIGURATION REGISTER
This register is used to control PLL N divider.
PLL_N (0Bh) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
7:0
PLL_N
Programs the PLL feedback divider:
PLL_N
Divide Ratio
0
Divider Off
1
→ 10
10
11
11
12
12
...
...
248
248
249
249
250
→ 255
250
NOTES:
The divider should be set such that the output of the divider is between 0.5 and 5MHz. See the PLL setup section for details. The N divider should never be set so
that (Fin/M) * N > 55MHz (or 80MHz if FAST_VCO is set in the PLL_N_MOD register).
The non-sigma-delta division of the N divider is derived from the PLL_N as such:
N = PLL_N
Fin /M is often referred to as Fcomp (Frequency of Comparison) or Fref (Reference Frequency). In this document, Fcomp is used.
PLL P DIVIDER CONFIGURATION REGISTER
This register is used to control the PLL’s P divider.
PLL_P (0Dh) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
3:0
PLL_P
Programs the PLL input divider to select:
PLL_P
Divide Ratio
0
Divider Off
11
2
1.5
32
...
– > 2.5
13
7
14
7.5
15
8
NOTES:
The division of the P divider is derived from PLL_P as such:
P = (PLL_P+1) / 2
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com