Electronic Components Datasheet Search
  English  ▼

X  

LM4934 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) LM4934 Datasheet HTML 25Page - National Semiconductor (TI) LM4934 Datasheet HTML 26Page - National Semiconductor (TI) LM4934 Datasheet HTML 27Page - National Semiconductor (TI) LM4934 Datasheet HTML 28Page - National Semiconductor (TI) LM4934 Datasheet HTML 29Page - National Semiconductor (TI) LM4934 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Interface Control Register (Continued)
201669B0
Left Justified Mode Timing
FIR Compensation Filter
Configuration Registers
These registers are used to configure the DAC’s FIR com-
pensation filter. Three 16 bit coefficients are required and
must be programmed via the I2C/SPI Interface in bytes as
follows:
COMP_COEFF (10h
→ 15h) (Set = logic 1, Clear = logic 0)
Address
Register
Description
10h
COMP_COEFF0_LSB
Bits [7:0] of the 1st and 5th FIR tap (C0 and C4)
11h
COMP_COEFF0_MSB
Bits [15:8] of the 1st and 5th FIR tap (C0 and C4)
12h
COMP_COEFF1_LSB
Bits [7:0] of the 2nd and 4th FIR tap (C1 and C3)
13h
COMP_COEFF1_MSB
Bits [15:8] of the 2nd and 4th FIR tap (C1 and C3)
14h
COMP_COEFF2_LSB
Bits [7:0] of the 3rd FIR tap (C2)
15h
COMP_COEFF2_MSB
Bits [15:8] of the 3rd FIR tap (C2)
NOTES:
The filter must be phase linear to ensure the data keeps the correct stereo imaging so the second half of the FIR filter must be the reverse of the 1st half.
20166955
If the CUST_COMP option in register 0Eh is not set the FIR filter will use its default values for a linear response from the DAC
into the analog mixer, these values are:
DAC_OSR
C0, C4
C1, C3
C2
00
68
–412
28526
01, 10, 11
112
–580
27551
If using 96 or 192kHz data then the custom compensation
may be required to obtain flat frequency responses above
24kHz. The total power of any custom filter must not exceed
that of the above examples or the filters within the DAC will
clip. The coefficient must be programmed in 2’s complement.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com