Electronic Components Datasheet Search
  English  ▼

X  

LM4934 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) LM4934 Datasheet HTML 25Page - National Semiconductor (TI) LM4934 Datasheet HTML 26Page - National Semiconductor (TI) LM4934 Datasheet HTML 27Page - National Semiconductor (TI) LM4934 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Common Clock Settings for the DAC (Continued)
Fs (kHz)
DAC Oversampling Ratio
Required CLock at DAC Clock Generator Input (MHz)
44.1
125
11.025
44.1
128
11.2896
48
125
12
48
128
12.288
88.2
64
11.2896
96
64
12.288
176.4
32
22.5792
192
32
24.576
Methods for producing these clock frequencies are described in the PLL section.
The R divider can be used when the master clock is exactly 12.00 MHz in order to generate different sample rates. The Table
below shows different sample rates supported from 12.00MHz by using only the R divider and disabling the PLL. In this way we
can save power and the clock jitter will be low.
R_DIV
Divide Value
DAC Clock Generator Input Frequency <MHz>
Sample Rate Supported <KHz>
11
6
2
8
9
5
2.4
9.6
74
3
12
53
4
16
4
2.5
4.8
19.2
32
6
24
2
1.5
8
32
0
1
12
48
The R divider can also be used along with the P divider in order to create the clock needed to support low sample rates.
DAC Setup Register
This register is used to configure the basic operation of the stereo DAC.
DAC_SETUP (0Eh)
(Set = logic 1, Clear = logic 0)
Bits
Register
Description
1:0
DAC_MODE
The DAC used in the LM4934 can operate in one of 4 oversampling modes.
The modes are described as follows:
DAC_MODE
Oversampling
Rate
Typical FS
Clock Required
00
125
48KHz
12.000MHz (USB
Mode)
01
128
44.1KHz
48KHz
11.2896MHz
12.288MHz
10
64
96KHz
12.288MHz
11
32
192KHz
24.576MHz
2
MUTE_L
Mutes the left DAC channel on the next zero crossing.
3
MUTE_R
Mutes the right DAC channel on the next zero crossing.
4
DITHER_OFF
If set the dither in DAC is disabled.
5
DITHER
ALWAYS_ON
If set the dither in DAC is enabled all the time.
6
CUST_COMP
If set the DAC frequency response can be programmed manually via a 5 tap FIR
“compensation” filter. This can be used to enhance the frequency response of
small loudspeakers or provide a crude tone control. The compensation
Coefficients can be set by using registers 10h to 15h.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com