Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 13Page - Monolithic Power Systems MA800 Datasheet HTML 14Page - Monolithic Power Systems MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems MA800 Datasheet HTML 20Page - Monolithic Power Systems MA800 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
17
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
REGISTER MAP
Table 7: Register Map
No
Hex
Bin
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 LSB
0
0x0
00000
Z(7:0)
1
0x1
00001
Z(15:8)
6
0x6
00110
MGLT(2:0)
MGHT(2:0)
-
-
9
0x9
01001
RD
-
-
-
-
-
-
-
27
0x1B
11011
MGH
MGL
-
-
-
-
-
-
Table 8: Factory Default Values
No
Hex
Bin
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSB
0
0x0
00000
0
0
0
0
0
0
0
0
1
0x1
00001
0
0
0
0
0
0
0
0
6
0x6
00110
0
0
0
1
1
1
0
0
9
0x9
01001
0
0
0
0
0
0
0
0
Table 9: Programming Parameters
Parameters
Symbol
Number of Bits
Description
See Table
Zero setting
Z
16
Set the zero position
10
Magnetic field high
threshold
MGHT
3
Sets the field strength high threshold.
14
Magnetic field low
threshold
MGLT
3
Sets the field strength low threshold.
14
Rotation direction
RD
1
Determines the sensor positive
direction
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com