Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems MA800 Datasheet HTML 20Page - Monolithic Power Systems MA800 Datasheet HTML 21Page - Monolithic Power Systems MA800 Datasheet HTML 22Page - Monolithic Power Systems MA800 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
19
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 20: Magnetic Field Produced by a
5mmx3mm N35 Magnet as a Function of the
Airgap with Threshold Set to 110mT
In this way, it is possible to implement a push or
pull action.
MagHys, the hysteresis on the signals MGH
and
MGL,
is
indicated
in
the
General
Characterisitcs table on page 5. The MGLT and
MGHT thresholds are coded on three bits and
stored in register 6 (see Table 13).
Table 13: Register 6
Reg Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
6
MGLT
MGHT
-
-
The
3-bit
values
of
MGLT
and
MGHT
correspond to the magnetic field (see Table 14).
Table 14: MGLT and MGHT Binary to mT Relation
MGLT or
MGHT
(8)
Field threshold in mT
(7)
From low to high
magnetic field
From high to low
magnetic field
000
26
20
001
41
35
010
56
50
011
70
64
100
84
78
101
98
92
110
112
106
111
126
120
NOTES:
7)
Valid for VDD = 3.3V. If different, then the field threshold is
scaled by the factor VDD/3.3V.
8)
MGLT can have a larger value than MGHT.
The alarm flags (MGL and MGH) can be read in
register 27 (bit 6 and bit 7), and their logic state
is also given at the digital output pins 11 and 16.
To read the MGL and MGH flags by SPI, send
the 8-bit command write to register 27:
command
reg. address
MSB
value
LSB
0
1
0
1 1 0 1 1
0 0 0 0 0 0 0 0
The MA800 answers with the register 27
content in the next transmission:
Reg Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
27
MGH MGL
x
x
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com