Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 11Page - Monolithic Power Systems MA800 Datasheet HTML 12Page - Monolithic Power Systems MA800 Datasheet HTML 13Page - Monolithic Power Systems MA800 Datasheet HTML 14Page - Monolithic Power Systems MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
15
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 14: Example Write Output Rotation Direction (RD) to Counterclockwise (High) on Register 9, Bit 7
SSI
SSI is a 2-wire synchronous serial interface for
data reading only. The sensor operates as a
slave to the external SSI master and supports
angle reading only. It is not possible to read or
write registers using SSI.
SSI Communication
Unlike SPI, the sensor SSI supports angle
reading operation only. It is not possible to read
or write registers using SSI. The SSI timing
communication is shown in Figure 15 and Table
5.
Figure 15: SSI Timing
Table 5: SSI Timing
Parameter
Description
Min
Max
Unit
tssd
15
ns
tssck
SSCK period
0.04
16
µs
tssckL
Low level of SSCK signal
0.02
8
µs
tssckH
High level of SSCK signal
0.02
8
µs
tm
Transfer timeout (monoflop time)
25
µs
tp
Dead time: SSCK high time for next data reading
40
µs
SSI Read Angle
The bit order of the transmitted data is MSB first
and
LSB
last.
Every
1µs,
new
data
is
transferred into the output buffer. The master
device triggers the reading by pulling SSCK
down. Just like with an SPI reading, a full
reading requires 16 clock counts, but if the data
length is less than 16, the 16-bit output word is
completed by zeros. Therefore, reading can
also be performed with fewer than 16 clock
counts (see Figure 16). When a trigger event is
detected, the data remains in the output buffer
until the clock rising edge for the LSB bit 0 and
the transfer time out time has passed. See
Table 6 for sensor data timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com