Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems MA800 Datasheet HTML 20Page - Monolithic Power Systems MA800 Datasheet HTML 21Page - Monolithic Power Systems MA800 Datasheet HTML 22Page - Monolithic Power Systems MA800 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
22
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPENDIX A: DEFINITIONS
Resolution (3σ noise level)
Smallest angle increment distinguishable from the noise. The
resolution is measured by computing three times
σ (the standard
deviation in degrees) taken over 1,000 data points at a constant
position. The resolution in bits is obtained with log2(360/6σ).
Refresh Rate
Rate at which new data points are stored in the output buffer.
Latency
Time elapsed between the instant when the data is ready to be read
and the instant at which the shaft passes that position. The lag in
degrees is
v
lantency
lag
, where
v is the angular velocity in deg/s.
Power-Up Time
Time until the sensor delivers valid data starting at power-up.
Integral Non-Linearity (INL)
Maximum deviation between the average sensor output (at a fixed
position) and the true mechanical angle.
Figure A1: Integral Non-Linearity
Drift
Angle
variation
rate
when
one
parameter
is
changed
(e.g.:
temperature, VDD) and all the others, including the shaft angle, are
maintained constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com