Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 5Page - Monolithic Power Systems MA800 Datasheet HTML 6Page - Monolithic Power Systems MA800 Datasheet HTML 7Page - Monolithic Power Systems MA800 Datasheet HTML 8Page - Monolithic Power Systems MA800 Datasheet HTML 9Page - Monolithic Power Systems MA800 Datasheet HTML 10Page - Monolithic Power Systems MA800 Datasheet HTML 11Page - Monolithic Power Systems MA800 Datasheet HTML 12Page - Monolithic Power Systems MA800 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
9
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
Sensor Front-End
The magnetic field is detected with integrated
Hall devices located in the center of the
package. The angle is measured using the
SpinaxisTM method, which digitizes the direction
of the field directly without complex arctangent
computations or feedback loop-based circuits
(interpolators).
The SpinaxisTM method is based on phase
detection and generates a sinusoidal signal with
a phase that represents the angle of the
magnetic field. The angle is then obtained by a
time-to-digital converter, which measures the
time
between
the
zero
crossing
of
the
sinusoidal signal and the edge of a constant
waveform (see Figure 2). The time-to-digital is
output
from
the
front-end
to
the
digital
conditioning block.
Top: Sine Waveform
Bottom: Clock of the Time-to-Digital Converter
Figure 2: Phase Detection Method
The output of the front-end delivers a digital
number
proportional
to
the
angle
of
the
magnetic field at the rate of 1MHz in a
straightforward and open-loop manner.
Digital Filtering
The front-end signal is further treated to
achieve the final effective resolution. This
treatment does not add any latency in steady
conditions. The filter transfer function can be
calculated with Equation (1):
2
1 2 s
H(s)
(1
s)


(1)
Where
τ is the filter time constant related to the
cutoff frequency by
τ = 0.38/Fcutoff. See the
General Characteristics table on page 5 for the
value of Fcutoff.
Sensor – Magnet Mounting
The sensitive volume of the MA800 is confined
in a region less than 100µm wide and has
multiple integrated Hall devices. This volume is
located both horizontally and vertically within
50µm of the center of the QFN package. The
sensor detects the angle of the magnetic field
projected in a plane parallel to the package’s
upper surface. This means that the only
relevant
magnetic
field
is
the
in-plane
component (X and Y components) in the middle
point of the package.
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise. Figure 3
shows the zero angle of the unprogrammed
sensor, where the cross indicates the sensitive
point. Both the rotation direction and the zero
angle can be programmed.
Figure 3: Detection Point and Default Positive
Direction
This type of detection provides flexibility for the
design of an angular encoder. The sensor only
requires the magnetic vector to lie essentially
within the sensor plane with a field amplitude of
at least 30mT. Note that the MA800 can work
with fields smaller than 30mT, but the linearity
and resolution performance may deviate from
the specifications. The most straightforward
mounting method is to place the MA800 sensor
on the rotation axis of a permanent magnet (i.e.:
a diametrically magnetized cylinder) (see Figure
4). The recommended magnet is a Neodymium
alloy (N35) cylinder with dimensions Ø5x3mm
inserted into an aluminum shaft with a 1.5mm
air gap between the magnet and the sensor
(surface of package). For good linearity, the
sensor is positioned with a precision of 0.5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com