Electronic Components Datasheet Search
  English  ▼

X  

MA800 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 14Page - Monolithic Power Systems MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems MA800 Datasheet HTML 20Page - Monolithic Power Systems MA800 Datasheet HTML 21Page - Monolithic Power Systems MA800 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
18
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
REGISTER SETTINGS
Zero Setting
The zero position of the MagAlpha (a0) can be
programmed with 16 bits of resolution. The
angle streamed out by the MagAlpha (aout) is
given by Equation (2):
0
a
a
a
raw
out
(2)
Where araw is the raw angle provided by the
MagAlpha front-end.
The parameter Z(15:0), which is zero by default,
is the complementary angle of the zero setting.
It can be written in decimals using Equation (3):
)
0
:
15
(
2
16
0
Z
a
(3)
Table 10 shows the zero setting parameter.
Table 10: Zero Setting Parameter
Z(15:0)
Zero pos.
a0 16-bit (dec)
Zero pos.
a0 (deg)
0
65536
360.000
1
65535
359.995
2
65534
359.989
…
…
…
65534
2
0.011
65535
1
0.005
Example
To set the zero position to 20 deg, the Z(15:0)
parameter must be equal to the complementary
angle shown in Equation (4):
61895
2
deg
360
deg
20
2
)
0
:
15
(
16
16
Z
(4)
In binary, this is written as 1111 0001 1100
0111.
Table 11 shows the content of registers 0 and 1.
Table 11: Register Content
Reg Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
0
1
1
0
0
0
1
1
1
1
1
1
1
1
0
0
0
1
Rotation Direction
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise (CW) (see
Figure 18 and Table 12).
Figure 18: Positive Rotation Direction of the
Magnetic Field
Table 12: Rotation Direction Parameter
RD
Positive Direction
0
Clockwise (CW)
1
Counterclockwise (CCW)
Magnetic Field Thresholds
Push Button Detection
The MA800 has two threshold options (MGHT
or
MGLT),
which
are
complementary
in
operation. The flag MGH becomes TRUE (logic
1) if the magnetic field increases above MGHT.
The flag MGL becomes TRUE (logic 1) if the
magnetic field falls below MGLT (see Figure 19).
Figure 19: MGH and MGL Signals as a Function
of the Field Strength
The MGL and MGH flags can be used for
detecting an approaching magnet (e.g.: when a
button is pressed). With the 5mmx3mm magnet
example, if the MGHT threshold is set to binary
110 (106 - 112mT), the MGH signal is set to
logic high when the sensor-magnet airgap is
smaller than 1.0mm (see Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com