Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MS622424 Datasheet HTML 1Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 2Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8-1
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
MS622424
HIGH PERFORMANCE
8K x 24 BIT
CMOS COLOR MAP
Features
s Color Index Mode supports up to 8192 simulta-
neous colors out of 16.7 million total colors
s 24-bit RGB Mode allows full true color display
s High-speed operation capable of supporting
resolutions up 1280 x 1024
s Available in 100-pin PQFP and MQUAD
packages
s Unique “Write-Buffer” at MPU port permits
dualport-like operation using an economical
singleport memory core
s All TTL compatible inputs and outputs
s 60, 70 and 80 MHz pipelined operation
s Standard MPU Interface
Description
The MS622424 is a high performance, full
CMOS, 8K x 24, 192K-bit pipelined static memory.
This device is specifically designed for use as a
color look-up table in high resolution video display
systems. When two of these devices are operated
in parallel, the resulting system will be capable of
supporting a display of 1280 x 1024 bit mapped
color graphics with 13 bits per pixel in the Color
Index Mode or 24 bits per pixel in the RGB Mode.
In the Color Index Mode, three internal 8Kx8’s
provide 8192 simultaneous colors from a 16.7
million color palette. The palette can be partitioned
into several smaller palettes thereby supporting
multiple window display. In the RGB Mode, the 24-
bit input can be gamma corrected on one of three
gamma correction tables. The 24-bit gamma
corrected value will then be presented at the output.
This device is implemented in full CMOS for low
power consumption, and is available in an 100-pin
plastic or metal quad-flat-pack.
Functional Block Diagram
INPUT
LATCH
PIXIN(0-23)
PIX.RGB(0-1)
CEB1
CEB2
R/WB
CONFIGSEL(0-2)
CONFIGBUS(0-7)
CBLANKB
RSB
BD.REV(0-3)
MPU
CONTROL
2:1 MUX
2:1 MUX
2:1 MUX
PIXIN(0-12)
PIXIN(0-7)
PIXIN(0-12)
PIXIN(8-15)
PIXIN(0-12)
PIXIN(16-23)
PIX.RGB(MUX CONTROL)
3:1 MUX
3:1 MUX
3:1 MUX
13
13
13
ADDR 13
64X37
WRITE
FIFO
RGB 24
FIFO ADDR 13
FIFO RGB 24
8Kx8
8Kx8
8Kx8
13
13
13
8
8
8
OUTPUT
LATCH
POUT(0-23)
24
AFB
FFB
PIPE.OUT(0-3)
PIPELINE SYNCHRONIZATION PATH
CLOCK.IN
PIPE.IN(0-3)


Similar Part No. - MS622424

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
32K x 8 CMOS Static RAM
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15NC MOSEL-MS62256H-15NC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15RC MOSEL-MS62256H-15RC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-20NC MOSEL-MS62256H-20NC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - MS622424

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
8K x 24 Bit Fast Static RAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
8K X 8 BIT HIGH SPEED CMOS SRAM
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com