Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button MS622424 Datasheet HTML 2Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
8-6
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
Pin Descriptions
Pin Name
Description
PIXIN0–PIXIN23
These inputs are latched on the rising edge of CLOCK.IN. The PIXIN0–PIXIN23
can be utilized in two different modes. In the Color Index Mode, PIXIN0–PIXIN12
are used to look up a 24 bit color from a palette of 8192 colors; the higher order
bits in this mode are ignored.
In the RGB Mode, PIXIN0–PIXIN7, PIXIN8–PIXIN15, and PIXIN16–PIXIN23 will
address a red, green, or blue color value, respectively, from the 8K color palette.
Internally, the five higher order bits are appended to the 8-bit addresses to
compose the necessary 13 bits to address 8K locations. The five appended bits
can be one of three values:(1)11101, (2)11110, or (3)11111.
These binary addresses are expressed with the most significant bit on the left. The
RGB Mode and five higher order bits are determined by the values of PIX.RGB0
and PIX.RGB1.
PIX.RGB0–PIX.RGB1
These two input pins select Color Index Mode or RGB mode. The table below
defines the selection associated with the values of these two bits.
PIX.RGB1 PIX.RGB0
SELECTION
0
0
Color Index Mode
0
1
RGB Mode, 11101 + 8-bit address
1
0
RGB Mode, 11110 + 8-bit address
1
1
RGB Mode, 11111 + 8-bit address
These two bits are latched on the rising edge of CLOCK.IN.
PIPE.IN0–PIPE.IN3
These four input pins are provided for the video timing signals such as CBLANKB
and CSYNCB. Internally, these signals will go through the same number of
pipeline stages as the pixel data. The video timing signals will subseqently appear
at the PIPE.OUT outputs, and synchronized with the appropriate color data. These
inputs are also latched by the rising edge of CLOCK.IN.
CLOCK.IN
This is the clock input pin. The CLOCK.IN controls the latching output and
subsequent processing of the pixel data and video timing signals.
POUT0–POUT23
Color information output pins. POUT0–POUT7, POUT8–POUT15, and POUT16–
POUT23 are the red, green, and blue color data, respectively.
PIPE.OUT0–PIPE.OUT3
Video timing signals output pins. The output data is synchronized with the color
data is output on these pins. Fig. 1 describes internal pipeline data path flow.
CEB1, CEB2
The chip enable input pins. MPU read and write cycles are performed by bringing
either of these pins low. The falling edge of this signal latches information from the
R/WB, CONFIGSEL, and CONFIGBUS pins.
R/WB
Read and write control input pins. When latched by the falling edge of CEB, this
signal determines whether the following operation is a read or a write. A read
operation is performed when this signal is high, and a write operation is performed
when this signal is low.
CONFIGBUS0–CONFIGBUS7
These pins are used for data I/O. RAM and register data are input and output
through these pins. These pins are used for read and write to/from RAM and
register.
CONFIGSEL0–CONFIGSEL2
The device configuration input pins. These inputs specify the type of read or write
operation to perform. The particular RAM or register operation is defined by the
truth table. This information is latched on the falling edge of CEB.
CBLANKB
Blanking status input pin. This signal indicates to the device that a blanking period
is taking place so it is therefore permissible to change data in the palette RAM.
This pin is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com