Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MS622424 Datasheet HTML 1Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 2Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
8-3
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
Truth Table
R/WB
CONFIGSEL<2:0>
RGB14
RGB04
FUNCTION
0
000 0
x
x
Write Address Register Low, reset RGB Counter
0
001 1
x
x
Write Address Register High, reset RGB Counter (1)
0
010 2
0
0
Write Red Color Palette Buffer, increment RGB counter
0
010 2
0
1
Write Green Color Palette Buffer, increment RGB counter
0
010 2
1
0
Write Blue Color Data to Write FIFO, transfer register
contents to Write FIFO, reset RGB counter, increment
Address Register
0
011 3
x
x
Write Command Register
0
100 4
x
x
Invalid Operation
0
101 5
x
x
Invalid Operation
0
110 6
x
x
Invalid Operation
0
111 7
x
x
Initialize color palette read
1
000 0
x
x
Read Address Register Low
1
001 1
x
x
Read Address Register High (2)
1
010 2
0
0
Read Red Color Palette, increment RGB counter (3)
1
010 2
0
1
Read Green Color Palette Buffer, increment RGB counter
1
010 2
1
0
Read Blue Color Palette Buffer, reset RGB counter,
increment Address register
1
011 3
x
x
Read Command Register
1
100 4
x
x
Read Status Register
1
101 5
0
0
Read Red Color Buffer Register, increment RGB counter
1
101 5
0
1
Read Green Color Buffer Register
1
101 5
1
0
Invalid Operation
1
110 6
x
x
Read Revision Register
1
111 7
x
x
Terminate color palette read
NOTE:
1. Only CONFIGBUS0–CONFIGBUS4 are recognized; the upper three bits are ignored.
2. Data is output to CONFIGBUS0–CONFIGBUS4 only. The upper three bits will output “0”.
3. Reading the Red Color Palette may disturb the pixel stream.
4. RGB0 and RGB1 are internal RGB couter outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com