Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MS622424 Datasheet HTML 1Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 2Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
8-5
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
100-pin PQFP/MQUAD
PIN CONFIGURATION
Top View
VSS
VSS
CLOCK.IN
VCC
PIXIN11
PIXIN10
PIXIN9
PIXIN8
PIXIN7
PIXIN6
PIXIN5
PIXIN4
PIXIN3
PIXIN2
PIXIN1
PIXIN0
PIXIN22
PIXIN21
PIXIN23
PIXIN20
PIXIN19
PIXIN18
PIXIN17
PIXIN16
PIXIN15
PIXIN14
PIXIN13
VCC
POUT16
POUT17
POUT18
POUT20
POUT19
POUT21
POUT22
POUT23
VSS
VSS
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8
VCC
VCC
VCC
POUT7
POUT6
POUT5
POUT4
PIXIN12
POUT3
POUT2
POUT1
POUT0
VSS
VSS
1
31
51
81
MS622424



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com