Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  MS622424 Datasheet HTML 1Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 2Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8-4
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
Internal Registers
Command Register
The Command Register is an 8-bit register.
CB5–CB7
CB4
CB3
CB2
CB1
CB0
D7
D0
CB0
PIPE.IN0 reset
This bit is internally ANDed with PIPE.IN0 . Thus when CB0 is “0”, then
PIPE.OUT0 will always be “0”
CB1
PIPE.IN1 reset
This bit is internally ANDed with PIPE.IN1 . Thus when CB1 is “0”, then
PIPE.OUT1 will always be “0”
CB2
PIPE.IN2 set
This bit is internally ORed with PIPE.IN2 . Thus when CB2 is “1”, then
PIPE.OUT2 will always be “1”
CB3
PIPE.IN3 set
This bit is internally ORed with PIPE.IN3 . Thus when CB3 is “1”, then
PIPE.OUT3 will always be “1”
CB4
HFB/AFB
This bit programs the AFB flag indicator. When this bit is “0” the AFB pin
will indicate that the FIFO is half full. When this bit is “1” AFB will indicate
almost full.
CB5–CB7
Reserved
Reserved for internal use.
Status Register
The Status Register is an 8-bit register.
SB5–SB7
SB4
SB3
SB2
SB1
SB0
D7
D0
SB0
RGB0
LSB of RGB counter. RGB0 and RGB1 form two bits of a modulo three
counter that determines which color is operated on (read only).
SB1
RGB1
MSB of RGB data counter (read only).
SB2
EFB
Empty Flag; Write FIFO is empty when this bit is low.
SB3
HFB/AFB
Half or Almost-Full Flag; Like the external AFB pin, this bit can be
programmed by CB4 to indicate that the Write FIFO is at least half full or
at least 7/8 full (eight or fewer empty locations left). This pin is active low.
SB4
FFB
Full Flag; Write FIFO is full when this bit is low.
SB5–SB7
Reserved
Reserved for internal use.
Revision Register
The Revision Register is an 8-bit register.
RVB4–RVB7
RVB3
RVB2
RVB1
RVB0
D7
D0
RVB0
REV0
LSB of Revision Register. This register is mask programmed to indicate
the revision number.
RVB1
REV1
Second bit of Revision Register.
RVB2
REV2
MSB of Revision Register.
RVB3
Reserved
Reserved for internal use.
RVB4–RVB7
REV4–7
Corresponds to board revision input BD.REV0–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com