Electronic Components Datasheet Search
  English  ▼

X  

MS622424 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MS622424
Description  HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS622424 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MS622424 Datasheet HTML 3Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 4Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 5Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 6Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 7Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 8Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 9Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 10Page - Mosel Vitelic, Corp MS622424 Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8-9
MS622424
MOSEL VITELIC
MS622424 Rev. 1.0 January 1995
Timing Waveforms of MPU Cycle
4
9
CEB1
CEB2
R/WB
CONFIGSEL0–2
CONFIGBUS0–7
CONFIGBUS0–7
(Read Cycle)
AFB, FFB
7
5
2
1
8
6
3
AC Characteristics
At recommended operating conditions, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
1
CEB Cycle Time
80
ns
2
CEB Pulse Width
65
ns
3
CONFIGSEL/BUS and R/WB Set-up before CEB low
0
ns
4
CONFIGSEL/BUS and R/WBHold after CEB low
10
ns
5
CONFIGBUS Data Access
65
ns
6
CONFIGBUS Data Hold
5
ns
7
CEB low to CONFIGBUS Lo-Z
10
ns
2, 3
8
CEB high to CONFIGBUS Hi-Z
10
ns
2, 3
9
Write cycle start to AFB, FFB low
65
ns
NOTES:
1. Applicable to all speed grades.
2. This parameter is sampled and not 100% tested.
3. Transition is measured ± 500mV from low or high voltage with load (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com