Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 5 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 5 Page - Analog Devices

  AD603 Datasheet HTML 1Page - Analog Devices AD603 Datasheet HTML 2Page - Analog Devices AD603 Datasheet HTML 3Page - Analog Devices AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD603
Rev. H | Page 5 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GPOS 1
GNEG 2
VINP 3
COMM 4
VPOS
8
VOUT
7
VNEG
6
FDBK
5
AD603
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC Pin Configuration
GPOS 1
GNEG 2
VINP 3
COMM 4
VPOS
8
VOUT
7
VNEG
6
FDBK
5
AD603
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead CERDIP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GPOS
Gain Control Input High (Positive Voltage Increases Gain).
2
GNEG
Gain Control Input Low (Negative Voltage Increases Gain).
3
VINP
Amplifier Input.
4
COMM
Amplifier Ground.
5
FDBK
Connection to Feedback Network.
6
VNEG
Negative Supply Input.
7
VOUT
Amplifier Output.
8
VPOS
Positive Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com