Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 9 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD603
Rev. H | Page 9 of 24
FREQUENCY (Hz)
100M
100k
1M
10M
0
–10
–20
–30
–40
–50
–60
Figure 22. PSRR vs. Frequency
(Worst Case Is Negative Supply PSRR, Shown Here)
DATEL
DVC 8500
HP3326A
DUAL-
CHANNEL
SYNTHESIZER
100Ω
+5V
50Ω
HP3585A
SPECTRUM
ANALYZER
0.1µF
AD603
8
5
4
7
3
6
1
2
–5V
0.1µF
Figure 23. Test Setup Used for: Noise Figure, Third-Order Intercept, and
1 dB Compression Point Measurements
GAIN (dB)
30
20
21
22
23
24
25
26
27
28
29
23
21
19
17
15
13
11
9
7
5
TA = 25°C
RS = 50V
TEST SETUP FIGURE 23
70MHz
30MHz
50MHz
10MHz
Figure 24. Noise Figure in −10 dB/+30 dB Mode
GAIN (dB)
40
30
31
32
33
34
35
36
37
38
39
21
17
19
15
11
13
7
9
5
TA = 25°C
RS = 50Ω
TEST SETUP FIGURE 23
20MHz
10MHz
Figure 25. Noise Figure in 0 dB/40 dB Mode
INPUT FREQUENCY (MHz)
70
10
30
50
0
–5
–10
–15
–20
–25
TA = 25°C
TEST SETUP FIGURE 23
Figure 26. 1 dB Compression Point, −10 dB/+30 dB Mode, Gain = 30 dB
INPUT LEVEL (dBm)
0
–20
–10
20
18
16
12
14
10
0
TA = 25°C
TEST SETUP FIGURE 23
30MHz
40MHz
70MHz
Figure 27. Third-Order Intercept −10 dB/+30 dB Mode, Gain = 10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com