Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 17 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices AD603 Datasheet HTML 17Page - Analog Devices AD603 Datasheet HTML 18Page - Analog Devices AD603 Datasheet HTML 19Page - Analog Devices AD603 Datasheet HTML 20Page - Analog Devices AD603 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD603
Rev. H | Page 17 of 24
APPLICATIONS INFORMATION
A LOW NOISE AGC AMPLIFIER
Figure 47 shows the ease with which the AD603 can be
connected as an AGC amplifier. The circuit illustrates many of
the points previously discussed: it uses few parts, has linear-in-
dB gain, operates from a single supply, uses two cascaded amplifiers
in sequential gain mode for maximum SNR, and an external
resistor programs each gain of the amplifier. It also uses a
simple temperature-compensated detector.
The circuit operates from a single 10 V supply. Resistors R1, R2,
R3, and R4 bias the common pins of A1 and A2 at 5 V. The
common pin is a low impedance point and must have a low
impedance path to ground, provided here by the 100 μF tantalum
capacitors and the 0.1 μF ceramic capacitors.
The cascaded amplifiers operate in sequential gain. Here, the
offset voltage between Pin 2 (GNEG) of A1 and A2 is 1.05 V
(42.14 dB × 25 mV/dB), provided by a voltage divider consisting of
Resistors R5, R6, and R7. Using standard values, the offset is not
exact, but it is not critical for this application.
The gain of both A1 and A2 is programmed by Resistors R13
and R14, respectively, to be about 42 dB; therefore, the maximum
gain of the circuit is twice that, or 84 dB. The gain control range
can be shifted up by as much as 20 dB by appropriate choices of
R13 and R14.
The circuit operates as follows:
• A1 and A2 are cascaded.
• Capacitor C1 and the 100 Ω of resistance at the input of A1
form a time constant of 10 μs.
• C2 blocks the small dc offset voltage at the output of A1
(which might otherwise saturate A2 at its maximum gain)
and introduces a high-pass corner at about 16 kHz,
eliminating low frequency noise.
A half-wave detector is used, based on Q1 and R8. The current
into capacitor, CAV, is the difference between the collector
current of Q2 (biased to be 300 μA at 300 K, 27°C) and the
collector current of Q1, which increases with the amplitude
of the output signal.
The automatic gain control voltage, VAGC, is the time integral
of this error current. For VAGC (and thus the gain) to remain
insensitive to short-term amplitude fluctuations in the output
signal, the rectified current in Q1 must, on average, exactly
balance the current in Q2. If the output of A2 is too small to
do this, VAGC increases, causing the gain to increase until Q1
conducts sufficiently.
Consider the case where R8 is zero and the output voltage VOUT
is a square wave at, for example, 455 kHz, which is well above
the corner frequency of the control loop.
C2
0.1µF
R1 3
2.49kΩ
10V
10V
5.5V
6.5V
+
+
R2
2.49kΩ
C32
100µF
C4
0.1µF
R1
2.49kΩ
RT1
100Ω
J1
R6
1.05kΩ
R5
5.49kΩ
R7
3.48kΩ
10V
AGC LINE
CAV
0.1µF
THIS CAPACITOR SETS
AGC TIME CONSTANT
VAGC
R9
1.54kΩ
R8
806Ω
Q1
2N3904
Q2
2N3906
R1 0
1.24kΩ
R11
3.83kΩ
5V
R1 2
4.99kΩ
C11
0.1µF
C9
0.1µF
10V
J2
C10
0.1µF
10V
C7
0.1µF
C1
0.1µF
A1
AD603
1
2
3
7
4
8
6
5
R1 4
2.49kΩ
R4
2.49kΩ
C52
100µF
C6
0.1µF
R3
2.49kΩ
10V
C8
0.1µF
A2
AD603
1
2
3
7
4
8
6
5
1V OFFSET FOR
SEQUENTIAL GAIN
1 RT PROVIDES A 50Ω INPUT IMPEDANCE.
2 C3 AND C5 ARE TANTALUM.
Figure 47. A Low Noise AGC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com