Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 20 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD603 Datasheet HTML 16Page - Analog Devices AD603 Datasheet HTML 17Page - Analog Devices AD603 Datasheet HTML 18Page - Analog Devices AD603 Datasheet HTML 19Page - Analog Devices AD603 Datasheet HTML 20Page - Analog Devices AD603 Datasheet HTML 21Page - Analog Devices AD603 Datasheet HTML 22Page - Analog Devices AD603 Datasheet HTML 23Page - Analog Devices AD603 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD603
Rev. H | Page 20 of 24
Pb
RoHS
+
+
V–
V+
GND
GPOS
GNEG
VIN
DUT
C5
G2
G1
G4
G3
R7
R4
W1
VOUT
C2
VO
C3
AD603ARZ
EVALUATION BOARD
Figure 52. Component Side Silk Screen
Table 5. Bill of Materials
Qty
Name
Description
Reference Designator
Manufacturer
Mfg Part Number
5
Capacitors
0.1 μF, 16 V, 0603, X7R
C1, C2, C3, C5, C6
KEMET
C0603C104K4RACTU
2
Capacitors
10 μF, 25 V, C size tantalum
C7, C8
Nichicon
F931E106MCC
1
IC
Variable gain amplifier
DUT
Analog Devices, Inc.
AD603ARZ
5
Test Loops
0.125” diameter, black
G1, G2, G3, G4, GND
Components Corp.
TP-104-01-00
3
Test Loops
0.125” diameter, purple
GNEG, GPOS, VO
Components Corp.
TP-104-01-07
1
Resistor
100 Ω, 1%, 1/16 W, 0603
R2
Panasonic
ERJ-3EKF1000V
2
Resistors
0 Ω, 5%, 1/10 W, 0603
R3, R5
Panasonic
ERJ-2GE0R00X
1
Resistor
453 Ω, 1/16 W, 1%, 0603
R4
Panasonic
ERJ-3EKF4530V
1
Test Loop
0.125” diameter, red
+5V
Components Corp.
TP-104-01-02
1
Test Loop
0.125” diameter, green
−5 V
Components Corp.
TP-104-01-05
2
Connectors
SMA female PC mount, RA
VIN, VOUT
Amphenol
901-143-6RFX
2
Headers
2-pin 025" sq., 0.1" spacing
W1, W2
Molex
22-11-2032
Not inserted
C4, C9, R1, R6, R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com