Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 12 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD603
Rev. H | Page 12 of 24
SCALING
REFERENCE
VG
GAIN-
CONTROL
INTERFACE
AD603
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED-GAIN
AMPLIFIER
*NOMINAL VALUES.
R-2R LADDER NETWORK
VPOS
VNEG
GPOS
GNEG
VINP
COMM
0dB
–6.02dB –12.04dB –18.06dB –24.08dB –30.1dB –36.12dB –42.14dB
R
RR
RRR
R
2R
2R
2R
2R
2R
2R
R
20Ω*
694Ω*
6.44kΩ*
VOUT
FDBK
8
6
1
2
5
7
4
3
Figure 29. Simplified Block Diagram
THE GAIN CONTROL INTERFACE
The attenuation is controlled through a differential, high
impedance (50 MΩ) input, with a scaling factor that is laser-
trimmed to 40 dB per volt, that is, 25 mV/dB. An internal band
gap reference ensures stability of the scaling with respect to
supply and temperature variations.
When the differential input voltage VG = 0 V, the attenuator
slider is centered, providing an attenuation of 21.07 dB. For the
maximum bandwidth range, this results in an overall gain of
10 dB (= −21.07 dB + 31.07 dB). When the control input is
−500 mV, the gain is lowered by +20 dB (= 0.500 V × 40 dB/V)
to −10 dB; when set to +500 mV, the gain is increased by
+20 dB to +30 dB. When this interface is overdriven in either
direction, the gain approaches either −11.07 dB (= − 42.14 dB +
+31.07 dB) or 31.07 dB (= 0 + 31.07 dB), respectively. The only
constraint on the gain control voltage is that it be kept within
the common-mode range (−1.2 V to +2.0 V assuming +5 V
supplies) of the gain control interface.
The basic gain of the AD603 can therefore be calculated by
Gain (dB) = 40 VG +10
(1)
where VG is in volts. When Pin 5 and Pin 7 are strapped (see the
Programming the Fixed-Gain Amplifier Using Pin Strapping
section), the gain becomes
Gain (dB) = 40 VG + 20 for 0 to +40 dB
and
Gain (dB) = 40 VG + 30 for +10 to +50 dB
(2)
The high impedance gain control input ensures minimal
loading when driving many amplifiers in multiple channel
or cascaded applications. The differential capability provides
flexibility in choosing the appropriate signal levels and
polarities for various control schemes.
For example, if the gain is to be controlled by a DAC providing
a positive-only, ground-referenced output, the gain control low
(GNEG) pin should be biased to a fixed offset of 500 mV to set
the gain to −10 dB when gain control high (GPOS) is at zero,
and to 30 dB when at 1.00 V.
It is a simple matter to include a voltage divider to achieve other
scaling factors. When using an 8-bit DAC having an FS output
of 2.55 V (10 mV/bit), a divider ratio of 2 (generating 5 mV/bit)
results in a gain-setting resolution of 0.2 dB/bit. The use of such
offsets is valuable when two AD603s are cascaded, when
various options exist for optimizing the signal-to-noise profile,
as is shown in the Sequential Mode (Optimal SNR) section,
PROGRAMMING THE FIXED-GAIN AMPLIFIER
USING PIN STRAPPING
Access to the feedback network is provided at Pin 5 (FDBK).
The user may program the gain of the output amplifier of the
AD603 using this pin, as shown in Figure 30, Figure 31, and
Figure 32. There are three modes: in the default mode, FDBK
is unconnected, providing the range +9 dB/+51 dB; when VOUT
and FDBK are shorted, the gain is lowered to −11 dB/+31 dB;
and, when an external resistor is placed between VOUT and
FDBK, any intermediate gain can be achieved, for example,
−1 dB/+41 dB. Figure 33 shows the nominal maximum gain vs.
external resistor for this mode.
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
8
7
6
5
1
2
3
4
Figure 30. −10 dB to +30 dB; 90 MHz Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com