Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 19 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD603 Datasheet HTML 15Page - Analog Devices AD603 Datasheet HTML 16Page - Analog Devices AD603 Datasheet HTML 17Page - Analog Devices AD603 Datasheet HTML 18Page - Analog Devices AD603 Datasheet HTML 19Page - Analog Devices AD603 Datasheet HTML 20Page - Analog Devices AD603 Datasheet HTML 21Page - Analog Devices AD603 Datasheet HTML 22Page - Analog Devices AD603 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD603
Rev. H | Page 19 of 24
EVALUATION BOARD
The evaluation board of the AD603 enables simple bench-top
experimenting to be performed with easy control of the
AD603. Built-in flexibility allows convenient configuration to
accommodate most operating configurations. Figure 48 is a
photograph of the AD603 evaluation board.
Figure 48. AD603 Evaluation Board
Any dual-polarity power supply capable of providing 20 mA is
all that is required, in addition to whatever test equipment the
user wishes to perform the intended tests.
Referring to the schematic in Figure 49, the input to the VGA is
single-ended, ac-coupled, and terminated in 50 Ω to accommodate
most commonly available signal generators.
GPOS
VINP
VNEG
VOUT
VPOS
GNEG
4
3
2
1
C1
0.1µF
8
7
6
5
COMM
FDBK
V+
V–
AD603
R2
100Ω
GNEG
V–
W2
C4
V+
C6
0.1µF
R3
0Ω
C9
VOUT
VO
R4
453Ω
C2
0.1µF
W1
+
GPOS
VIN
R1
V+
V+
R5
0Ω
C5
0.1µF
V–
C7
10µF
25V
C8
10µF
25V
+
R7
C3
0.1µF
G1
G4
G2
G3
GND
R6
Figure 49. Schematic of the AD603 Evaluation Board
The output is also ac-coupled and includes a 453 Ω series
resistor. The gain of the AD603 is adjusted by connecting a
voltage source between the GNEG and GPOS test loops. A 0 Ω
resistor, R5, is provided, permitting ground reference of the
differential gain control inputs. For other gain configurations, a
signal generator may be connected to the test loops, or the
GNEG and/or GPOS pins may be biased. Either pin may be
driven to either polarity within the common-mode limits of
−1.2 V to +2.0 V; therefore, to invert the gain slope, simply
consider the GPOS as the reference and drive the GNEG pin
positively with respect to GPOS.
The AD603 includes built-in gain resistors selectable at the
FDBK pin. The board is shipped with the gain at minimum,
with a 0 Ω resistor installed in R3. For maximum gain, simply
remove R3. Because of the architecture of the AD603, the
bandwidth decreases by 10, but the gain range remains at 40 dB.
Intermediate gain values may be selected by installing a resistor
between the VOUT and FDBK pins.
Figure 50, Figure 51, and Figure 52 show the component and
circuit side copper patterns and silkscreen. A bill of materials is
shown in Table 5.
Figure 50. Component Side Copper
Figure 51. Circuit Side Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com