Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 15Page - Microchip Technology MIC26901 Datasheet HTML 16Page - Microchip Technology MIC26901 Datasheet HTML 17Page - Microchip Technology MIC26901 Datasheet HTML 18Page - Microchip Technology MIC26901 Datasheet HTML 19Page - Microchip Technology MIC26901 Datasheet HTML 20Page - Microchip Technology MIC26901 Datasheet HTML 21Page - Microchip Technology MIC26901 Datasheet HTML 22Page - Microchip Technology MIC26901 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007047B-page 19
MIC26901
4.6
Power Good (PG)
The Power Good (PG) pin is an open-drain output that
indicates logic-high when the output is nominally 92%
of its steady state voltage. A pull-up resistor of more
than 10 kΩ should be connected from PG to VDD.
4.7
MOSFET Gate Driver
The Functional Block Diagram shows a bootstrap
circuit, consisting of D1 (a Schottky diode is
recommended) and CBST. This circuit supplies energy
to the high-side drive circuit. Capacitor CBST is
charged, while the low-side MOSFET is on, and the
voltage on the SW pin is approximately 0V. When the
high-side MOSFET driver is turned on, energy from
CBST is used to turn the MOSFET on. As the high-side
MOSFET turns on, the voltage on the SW pin increases
to approximately VIN. Diode D1 is reverse-biased and
CBST floats high while continuing to keep the high-side
MOSFET on. The bias current of the high-side driver is
less than 10 mA, so a 0.1 μF to 1 μF is sufficient to hold
the gate voltage with minimal droop for the power
stroke (high-side switching) cycle (i.e. ΔBST = 10 mA x
1.67 μs/0.1 μF = 167 mV). When the low-side
MOSFET is turned back on, CBST is recharged through
D1. A small resistor RG, which is in series with CBST,
can be used to slow down the turn-on time of the
high-side N-channel MOSFET.
The drive voltage is derived from the VDD supply
voltage. The nominal low-side gate drive voltage is VDD
and the nominal high-side gate drive voltage is
approximately VDD – VDIODE, where VDIODE is the
voltage drop across D1. An approximate 30 ns delay
between the high-side and low-side driver transitions is
used to prevent current from simultaneously flowing
unimpeded through both MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com